Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7653 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7653
Description  1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7653 Datasheet(HTML) 1 Page - Exar Corporation

  SP7653 Datasheet HTML 1Page - Exar Corporation SP7653 Datasheet HTML 2Page - Exar Corporation SP7653 Datasheet HTML 3Page - Exar Corporation SP7653 Datasheet HTML 4Page - Exar Corporation SP7653 Datasheet HTML 5Page - Exar Corporation SP7653 Datasheet HTML 6Page - Exar Corporation SP7653 Datasheet HTML 7Page - Exar Corporation SP7653 Datasheet HTML 8Page - Exar Corporation SP7653 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image

Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
1
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
SP7653
FEATURES
■
2.5V to 20V Step Down Achieved Using Dual Input
■
Output Voltage down to 0.8V
■
3A Output Capability
■
Built in Low RDSON Power Switches (40 m typical)
■
Highly Integrated Design, Minimal Components
■
1.3MHz Fixed Frequency Operation
■
UVLO Detects Both VCC and VIN
■
Over Temperature Protection
■
Short Circuit Protection with Auto-Restart
■
Wide BW Amp Allows Type II or III Compensation
■
Programmable Soft Start
■
Fast Transient Response
■
High Efficiency: Greater than
95% Possible
■
Asynchronous Start-Up into a Pre-Charged Output
■
Small 7mm x 4mm DFN Package
■
U.S. Patent #6,922,041
Wide Input Voltage Range,
1.3MHz, Buck Regulator
The SP7653 is a synchronous step-down switching regulator optimized for high efficiency. The part is designed to be
especially attractive for dual supply, 12V to 20V distributed power systems stepped down with 5V used to power the
controller.ThislowerVCCvoltageminimizespowerdissipationinthepartandisusedtodrivethetopswitch.TheSP7653
is designed to provide a fully integrated buck regulator solution using a fixed 1.3MHz frequency, PWM voltage mode
architecture. Protection features include Under Voltage Lock Out (UVLO), thermal shutdown and output short circuit
protection. The SP7653 is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
DESCRIPTION
Power Blox TM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink pad 2
Connect to GND
Heatsink pad 3
Connect to VIN
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7653
PGND
VIN
VIN
VIN
CBST
1uF
R3
200k ,1%
L1 IHLP2525CZER2R2M01
2.2uH, Irate=8A
U2
SPX5205
VIN
1
GND
2
EN
3
BYP
4
VOUT
5
C1
22uF
CVCC
2.2uF
U1
SP7653
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
22nF
CP1
3.3pF
3.30V
0-3A
16V
R2
21.5k ,1%
GND
C3
47uF
ALL RESISTORS & CAPACITORS ARE SIZE
0603 UNLESS OTHERWISE SPECIFIED.
C3:
CERAMIC
X5R
C5
22uF
Notes:
6.3V
12V
DCR=18m
VIN
SD101AWS
U1 Bottom-Side Layout should have
three Contacts which are
isolated from one another: QT-
Drain Contact, QB-Drain Contact and
Controller-GND Contact.
RZ3
158 ,1%
VOUT
GND2
R4
100k ,1%
C2
0.1uF
C1,C5:
CERAMIC
X5R
16V
CZ3
820pF
CZ2
1.5nF
R1
68.1k ,1%
RZ2
38.3k , 1%
CF1
100pF
Fs=1.3MHz
RBST
5.11 ,
1%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VIN
PGND
PGND
GND
VFB
COMP
NC
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7653
PGND
SS
GND
GND
GND
UVIN
VIN
VIN
VIN
VIN
GND


Similar Part No. - SP7653

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7653ER SIPEX-SP7653ER Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653ER SIPEX-SP7653ER Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7653ER-L SIPEX-SP7653ER-L Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
More results

Similar Description - SP7653

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Anpec Electronics Corop...
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
logo
Sanken electric
NR121E SANKEN-NR121E Datasheet
552Kb / 12P
Buck Regulator
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
ACE Technology Co., LTD...
ACE722G ACE-ACE722G Datasheet
1Mb / 13P
5V 2.0A, 1.3MHz Synchronous Buck Converter
VER 1.1
logo
Exar Corporation
SP7650 EXAR-SP7650 Datasheet
1Mb / 16P
Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL9309 BELLING-BL9309 Datasheet
895Kb / 9P
5.5V 2.0A 1.3MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com