Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet (PDF) - Semtech Corporation

SC4503 Datasheet PDF - Semtech Corporation
Part # SC4503
Download  SC4503 Download
File Size   1175.73 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.3MHz Step-Up Switching Regulator with 1.4A Switch

SC4503 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4503 Datasheet PDF - Semtech Corporation

Part # SC4503
Download  SC4503 Click to download

File Size   1175.73 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.3MHz Step-Up Switching Regulator with 1.4A Switch

SC4503 Datasheet (HTML) - Semtech Corporation


SC4503 Product details

Description
The SC4503 is a 1.3MHz current-mode step-up switching regulator with an integrated 1.4A power transistor. Its high switching frequency allows the use of tiny surface-mount external passive components. The SC4503 features a combined shutdown and soft-start pin. The optional soft-start function eliminates high input current and output overshoot during start-up. The internal compensation network accommodates a wide range of voltage conversion ratios. The internal switch is rated at 34V making the device suitable for high voltage applications such as Boost and SEPIC.

Features
◆ Low Saturation Voltage Switch: 260mV at 1.4A
◆ 1.3MHz Constant Switching Frequency
◆ Peak Current-mode Control
◆ Internal Compensation
◆ Programmable Soft-Start
◆ Input Voltage Range From 2.5V to 20V
◆ Output Voltage up to 27V
◆ Uses Small Inductors and Ceramic Capacitors
◆ Low Shutdown Current (< 1μA)
◆ Low Profile 5-Lead TSOT-23 and 8-Lead 2X2mm MLPD-W packages
◆ Fully WEEE and RohS compliant Features

Applications
◆ Local DC-DC Converters
◆ TFT Bias Supplies
◆ XDSL Power Supplies
◆ Medical Equipment
◆ Digital Cameras
◆ Portable Devices
◆ White LED Drivers




Similar Part No. - SC4503

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
More results


Similar Description - SC4503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
Dual Monolithic 1.4A Step-Down Switching Regulator
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com