Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4503 Datasheet HTML 1Page - Semtech Corporation SC4503 Datasheet HTML 2Page - Semtech Corporation SC4503 Datasheet HTML 3Page - Semtech Corporation SC4503 Datasheet HTML 4Page - Semtech Corporation SC4503 Datasheet HTML 5Page - Semtech Corporation SC4503 Datasheet HTML 6Page - Semtech Corporation SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4503
8-LEAD 2X2mm MLPD-W
Device(1,2)
Top Mark
Package
SC4503WLTRT
E00
2mmX2mm
MLPD-W
SC4503_MLPD EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and
RoHS compliant.
Ordering Information
Pin Descriptions - 2X2mm MLPD-W
Pin
Pin Name
Pin Functions
1,2
SW
Collector of the internal power transistor. Connect to the boost inductor and the free-
wheeling diode. The maximum switching voltage spike at this pin should be limited to
34V.
3
IN
Power Supply Pin. Bypassed with capacitor close to the pin.
4
SHDN/SS
Shutdown and Soft-start Pin. Pulling this pin below 0.4 shuts down the converter. Apply-
ing more than 2V at this pin enables the SC4503. An external resistor and an external
capacitor connected to this pin soft-start the switching regulator. The SC4503 will try
to pull the SHDN/SS pin below its 1.4V switching threshold regardless of the external
circuit attached to the pin if VIN is below the under-voltage lockout threshold. Tie this pin
through an optional resistor to IN or to the output of a controlling logic gate if soft-start is
not used. See Applications Information for more details.
5FB
The inverting input of the error amplifier. Tie to an external resistive divider to set the
output voltage.
6,7
GND
Ground. Tie to ground plane.
8
N.C.
No Connection.
EDP
Solder to the ground plane of the PCB.
Top View
Pin Configuration - 2mm X 2mm MLPD
1
2
3
4
8
7
6
5
SW
SW
IN
SHDN/SS
NC
GND
GND
FB
1
2
3
4
8
7
6
5
SW
SW
IN
SHDN/SS
NC
GND
GND
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com