Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4503 Datasheet HTML 10Page - Semtech Corporation SC4503 Datasheet HTML 11Page - Semtech Corporation SC4503 Datasheet HTML 12Page - Semtech Corporation SC4503 Datasheet HTML 13Page - Semtech Corporation SC4503 Datasheet HTML 14Page - Semtech Corporation SC4503 Datasheet HTML 15Page - Semtech Corporation SC4503 Datasheet HTML 16Page - Semtech Corporation SC4503 Datasheet HTML 17Page - Semtech Corporation SC4503 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4503
Applications Information (Cont.)
Figures 7(a)-7(c) show the effects of different values of
inductance and feed-forward capacitance on transient re-
sponses. In a battery-operated system if C
4 is optimized for
the minimum V
IN and the maximum load step, the converter
will be stable over the entire input voltage range.
Different inductances and feed-forward capaci-
tances affect the load transient responses of the
3.3V to 12V step-up converter in Figure 10(a).
I
OUT is switched between 90mA and 280mA.
Figure 7.
I
L1
0.5A/div
V
OUT
0.5V/div
40
µs/div
(a) L
1 = 5.6µH and C4 = 2.2pF
40
µs/div
I
L1
0.5A/div
V
OUT
0.5V/div
(b) L
1 = 5.6µH and C4 = 3.3pF
40
µs/div
I
L1
0.5A/div
V
OUT
0.5V/div
(c) L
1 = 3.3µH and C4 = 2.7pF
Board Layout Considerations
In a step-up switching regulator, the output filter capacitor,
the main power switch and the rectifying diode carry pulse
currents with high di/dt. For jitter-free operation, the size of
the loop formed by these components should be minimized.
Since the power switch is integrated inside the SC4503,
grounding the output filter capacitor next to the SC4503
ground pin minimizes size of the high di/dt current loop.
The input bypass capacitors should also be placed close to
the input pins. Shortening the trace at the SW node reduces
the parasitic trace inductance. This not only reduces EMI
but also decreases switching voltage spikes.
Figure 8 shows how various external components are
placed around the SC4503.
The large surrounding ground plane acts as a heat sink
for the device.
SHDN/SS
L1
D1
R3
C3
U1
GND
R2
VIN
VOUT
JP
C1
R1
C4
C2
SW
FB
Figure 8. Suggested PCB Layout for the SC4503.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com