Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4503 Datasheet HTML 11Page - Semtech Corporation SC4503 Datasheet HTML 12Page - Semtech Corporation SC4503 Datasheet HTML 13Page - Semtech Corporation SC4503 Datasheet HTML 14Page - Semtech Corporation SC4503 Datasheet HTML 15Page - Semtech Corporation SC4503 Datasheet HTML 16Page - Semtech Corporation SC4503 Datasheet HTML 17Page - Semtech Corporation SC4503 Datasheet HTML 18Page - Semtech Corporation SC4503 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
 2007 Semtech Corp.
www.semtech.com
SC4503
POWER MANAGEMENT
L1: Murata LQH32C
C1: Murata GRM219R60J475K
5V
C1
4.7
µF
ZHCS400
D1
0.22
µF
C2
C5
22nF
L1
C3
56nF
10
µH
SC4503
3
1
5
2
GND
SHDN/SS
IN
SW
FB
4
C4
220pF
R1
63.4
301k
R4
R2
63.4
D2
24V
_
+
MM5Z24VT1
R3
54.9k
Driving Two 6 White LED Strings from 5V. Zener diode D
2 protects the converter
from over-voltage damage when both LED strings become open.
Figure 9.
Typical Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com