Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4503 Datasheet HTML 1Page - Semtech Corporation SC4503 Datasheet HTML 2Page - Semtech Corporation SC4503 Datasheet HTML 3Page - Semtech Corporation SC4503 Datasheet HTML 4Page - Semtech Corporation SC4503 Datasheet HTML 5Page - Semtech Corporation SC4503 Datasheet HTML 6Page - Semtech Corporation SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
 2007 Semtech Corp.
www.semtech.com
SC4503
POWER MANAGEMENT
Parameter
Conditions
Min
Typ
Max
Units
SHDN/SS Switching Threshold
V
FB = 0V
1.4
V
Shutdown Input High Voltage
2
V
Shutdown Input Low Voltage
0.4
SHDN/SS Pin Bias Current
V
SHDN/SS = 2V
22
50
µA
V
SHDN/SS = 1.8V
20
45
V
SHDN/SS = 0V
0.1
Thermal Shutdown Temperature
155
°C
Thermal Shutdown Hysteresis
10
Electrical Characteristics (Cont.)
Unless specified: V
IN = VSHDN/SS = 3V, -40°C < TA = TJ < 85°C
Pin Configuration - TSOT - 23
Ordering Information
IN
FB
GND
SW
SHDN/SS
5
4
1
2
3
Top View
Device(1,2)
Top Mark
Package
SC4503TSKTRT
BH00
TSOT-23
SC4503EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and
RoHS compliant.
Pin
Pin Name Pin Functions
1SW
Collector of the internal power transistor. Connect to the boost inductor and the freewheeling
diode. The maximum switching voltage spike at this pin should be limited to 34V.
2
GND
Ground. Tie to ground plane.
3FB
The inverting input of the error amplifier. Tie to an external resistive divider to set the output volt-
age.
4
SHDN/SS
Shutdown and Soft-start Pin. Pulling this pin below 0.4 shuts down the converter. Applying more
than 2V at this pin enables the SC4503. An external resistor and an external capacitor con-
nected to this pin soft-start the switching regulator. The SC4503 will try to pull the SHDN/SS pin
below its 1.4V switching threshold regardless of the external circuit attached to the pin if VIN
is below the under-voltage lockout threshold. Tie this pin through an optional resistor to IN or
to the output of a controlling logic gate if soft-start is not used. See Applications Information for
more details.
5IN
Power Supply Pin. Bypassed with capacitor close to the pin.
Pin Descriptions - TSOT -23
5-LEAD TSOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com