Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4503 Datasheet HTML 5Page - Semtech Corporation SC4503 Datasheet HTML 6Page - Semtech Corporation SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation SC4503 Datasheet HTML 10Page - Semtech Corporation SC4503 Datasheet HTML 11Page - Semtech Corporation SC4503 Datasheet HTML 12Page - Semtech Corporation SC4503 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
 2007 Semtech Corp.
www.semtech.com
SC4503
POWER MANAGEMENT
Applications Information (Cont.)
Duty Cycle
The duty cycle D of a boost converter in continuous-conduc-
tion mode (CCM) is:
+
−
+
−
=
(3)
where V
CESAT is the switch saturation voltage and VD is volt-
age drop across the rectifying diode.
Maximum Output Current
In a boost switching regulator the inductor is connected
to the input. The inductor DC current is the input current.
When the power switch is turned on, the inductor current
flows into the switch. When the power switch is off, the
inductor current flows through the rectifying diode to the
output. The output current is the average diode current.
The diode current waveform is trapezoidal with pulse width
(1 – D)T (see Figure 4). The output current available from
a boost converter therefore depends on the converter oper-
ating duty cycle. The power switch current in the SC4503 is
internally limited to at least 1.4A. This is also the maximum
peak inductor or the peak input current. By estimating the
conduction losses in both the switch and the diode, an
expression of the maximum available output current of a
boost converter can be derived:
()
−
−
−
−
=
(4)
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
(1-D)T
DT
Inductor
Current
0
0
IN
I
OUT
I
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
(1-D)T
DT
Inductor
Current
0
0
IN
I
OUT
I
Figure 4. Current Waveforms in a Boost Converter
Figure 4. Current Waveforms in a Boost Converter
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
(1-D)T
DT
Inductor
Current
0
0
IN
I
OUT
I
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
(1-D)T
DT
Inductor
Current
0
0
IN
I
OUT
I
Figure 4. Current Waveforms in a Boost Converter
Figure 4. Current Waveforms in a Boost Converter
where I
LIM is the switch current limit.
It is worth noting that I
OUTMAX is directly proportional to the
ratio
and that switching losses are neglected in its
derivation. Equation (4) therefore over-estimates the
maximum output current, however it is a useful first-order
approximation.
Using V
CESAT = 0.3V, VD = 0.5V and ILIM =1.4A in (3) and (4),
the maximum output current for three V
IN and VOUT combi-
nations are tabulated (Table 1).
Maximum Duty-Cycle Limitation
The power transistor in the SC4503 is turned off every
switching period for 80ns. This minimum off time limits the
maximum duty cycle of the regulator. A boost converter with
high
ratio requires long switch on time and high duty
cycle. If the required duty cycle is higher than the attain-
able maximum, then the converter will operate in dropout.
(Dropout is a condition in which the regulator cannot attain
its set output voltage below current limit.)
Note: dropout can occur when operating at low input volt-
ages (<3V) and with off times approaching 100ns. Shorten
the PCB trace between the power source and the device
input pin, as line drop may be a significant percentage of
the input voltage. A regulator in dropout may appear as
if it is in current limit. The cycle-by-cycle current limit of
the SC4503 is duty-cycle and input voltage invariant and
should be at least 1.4A. If the converter output is below
its set value and switch current limit is not reached (1.4A),
then the converter is likely in dropout.
Example
: Determine the highest attainable output voltage
when boosting from a single Li-ion cell.
Equation (3) can be re-arranged as:
Table 1. Calculated Maximum Output Currents
V
IN (V)
V
OUT (V)
D
I
OUT (A)
3.3
12
0.754
0.34
3.3
5
0.423
0.80
5
12
0.615
0.53
V
IN (V)
V
OUT (V)
D
I
OUT (A)
3.3
12
0.754
0.34
3.3
5
0.423
0.80
5
12
0.615
0.53
Table 1. Calculated Maximum Output Currents
V
IN (V)
V
OUT (V)
D
I
OUT (A)
3.3
12
0.754
0.34
3.3
5
0.423
0.80
5
12
0.615
0.53
V
IN (V)
V
OUT (V)
D
I
OUT (A)
3.3
12
0.754
0.34
3.3
5
0.423
0.80
5
12
0.615
0.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com