Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4503 Datasheet HTML 1Page - Semtech Corporation SC4503 Datasheet HTML 2Page - Semtech Corporation SC4503 Datasheet HTML 3Page - Semtech Corporation SC4503 Datasheet HTML 4Page - Semtech Corporation SC4503 Datasheet HTML 5Page - Semtech Corporation SC4503 Datasheet HTML 6Page - Semtech Corporation SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
POWER MANAGEMENT
SC4503
1.3MHz Step-Up Switching
Regulator with 1.4A Switch
The SC4503 is a 1.3MHz current-mode step-up switch-
ing regulator with an integrated 1.4A power transistor.
Its high switching frequency allows the use of tiny sur-
face-mount external passive components. The SC4503
features a combined shutdown and soft-start pin. The
optional soft-start function eliminates high input current
and output overshoot during start-up. The internal com-
pensation network accommodates a wide range of volt-
age conversion ratios. The internal switch is rated at 34V
making the device suitable for high voltage applications
such as Boost and SEPIC.
The SC4503 is available in low-profile 5-lead TSOT-23 and
8-lead 2X2mm MLPD-W packages. The SC4503’s low
shutdown current (< 1μA), high frequency operation and
small size make it suitable for portable applications.
Low Saturation Voltage Switch: 260mV at 1.4A
1.3MHz Constant Switching Frequency
Peak Current-mode Control
Internal Compensation
Programmable Soft-Start
Input Voltage Range From 2.5V to 20V
Output Voltage up to 27V
Uses Small Inductors and Ceramic Capacitors
Low Shutdown Current (< 1μA)
Low Profile 5-Lead TSOT-23 and 8-Lead 2X2mm
MLPD-W packages
Fully WEEE and RohS compliant
Local DC-DC Converters
TFT Bias Supplies
XDSL Power Supplies
Medical Equipment
Digital Cameras
Portable Devices
White LED Drivers
1
µF
C1
5V
VIN
VOUT
SC4503
3
1
5
2
GND
SHDN/SS
IN
SW
FB
4
ON
OFF
10BQ015
D1
L1
C2
4.7
µF
R2
49.9k
R1
432k
12V, 0.5A
4.7
µH
C4
15pF
Efficiency vs Load Current
50
55
60
65
70
75
80
85
90
95
0.001
0.010
0.100
1.000
Load Current (A)
VOUT = 12V
1.3MHz
www.semtech.com
1
May 4, 2007
Description
Features
Typical Application Circuit
Features
Typical Application Circuit
Applications
C1: Murata GRM188R61A105K
C2: Murata GRM21BR61C475K
L1: Sumida CDC5D23B-4R7
Figure 1(a). 5V to 12V Boost Converter
Figure 1(b). Efficiency of the 5V to 12V Boost Converter


Similar Part No. - SC4503

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
More results

Similar Description - SC4503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
Dual Monolithic 1.4A Step-Down Switching Regulator
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com