Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4503 Datasheet HTML 6Page - Semtech Corporation SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation SC4503 Datasheet HTML 10Page - Semtech Corporation SC4503 Datasheet HTML 11Page - Semtech Corporation SC4503 Datasheet HTML 12Page - Semtech Corporation SC4503 Datasheet HTML 13Page - Semtech Corporation SC4503 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4503
−
−
−
=
(5)
Assuming that the voltage of a nearly discharged Li-ion cell
is 2.6V. Using V
D=0.5V, VCESAT=0.3V and D=0.86 in (5),
=
−
−
•
−
<
Transient headroom requirement further reduces the maxi-
mum achievable output voltage to below 16V.
Minimum Controllable On-Time
The operating duty cycle of a boost converter decreases as
V
IN approaches VOUT. Sensed switch current ramp modulates
the pulse width in a current-mode switching regulator. This
current ramp is absent unless the switch is turned on. The
intersection of this ramp with the error amplifier output
determines the switch on-time. The propagation delay
time required to immediately turn off the switch after it is
turned on is the minimum controllable on time. Measured
minimum on time of the SC4503 is load-dependent and
ranges from 180ns to 220ns at room temperature. The
switch in the SC4503 is either not turned on, or, for at least
this minimum. If the regulator requires a switch on-time
less than this controllable minimum, then it will either skip
cycles or start to jitter.
Inductor Selection
The inductor ripple current ΔI
L of a boost converter in con-
tinuous-conduction mode is
(
)
−
=
∆
(6)
where f is the switching frequency and L is the induc-
tance.
Substituting (3) into (6) and neglecting V
CESAT,
+
−
=
∆
(7)
In current-mode control, the slope of the modulating
(sensed switch current) ramp should be steep enough to
Applications Information (Cont.)
lessen jittery tendency but not so steep that large flux swing
decreases efficiency. For continuous-conduction mode
operation, inductor ripple current ΔI
L between 0.35A and
0.6A is a good compromise. Setting ΔI
L = 0.43A, VD = 0.5V
and f = 1.3MHz in (7),
+
−
=
+
−
∆
=
(8)
where L is in μH.
Equation (7) shows that for a given V
OUT, ΔIL is the highest
when
(
)
+
=
. If V
IN varies over a wide range, then
choose L based on the nominal input voltage.
The saturation current of the inductor should be 20-30%
higher than the peak current limit (1.9 A). Low-cost powder
iron cores are not suitable for high-frequency switching
power supplies due to their high core losses. Inductors
with ferrite cores should be used.
Discontinuous-Conduction Mode
The output-to-input voltage conversion ratio
=
in
continuous-conduction mode is limited by the maximum
duty cycle D
MAX:
=
−
=
−
<
=
−
=
−
<
Higher voltage conversion ratios can be achieved by oper-
ating the boost converter in full-time discontinuous-con-
duction mode (DCM). Define
OUT
OUT
I
V
R
=
as the equivalent
output load resistance. The following inequalities must be
satisfied for DCM operation:
−
<
(9)
and,
<
=
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com