Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4503 Datasheet HTML 13Page - Semtech Corporation SC4503 Datasheet HTML 14Page - Semtech Corporation SC4503 Datasheet HTML 15Page - Semtech Corporation SC4503 Datasheet HTML 16Page - Semtech Corporation SC4503 Datasheet HTML 17Page - Semtech Corporation SC4503 Datasheet HTML 18Page - Semtech Corporation SC4503 Datasheet HTML 19Page - Semtech Corporation SC4503 Datasheet HTML 20Page - Semtech Corporation SC4503 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
 2007 Semtech Corp.
www.semtech.com
SC4503
POWER MANAGEMENT
Typical Application Circuits
VOUT
C1
4.7
µF
SC4503
3
1
5
2
GND
SHDN/SS
IN
SW
FB
4
10BQ015
D1
L1
C2
10
µF
R2
60.4k
R1
187k
5V
1.5
µH
R3
15k
C3
56nF
2.6 - 4.2V
1-CELL
LI-ION
ON
OFF
3.3V
< 0.4V
C4
10pF
Efficiency vs Load Current
50
55
60
65
70
75
80
85
90
95
0.001
0.010
0.100
1.000
Load Current (A)
VOUT = 5V
1.3MHz
VIN = 3.6V
VIN = 2.6V
VIN = 4.2V
Upper Trace : Output Voltage, AC Coupled, 0.2V/div
Lower Trace : Inductor Current, 0.5A/div
Upper Trace : Output Voltage, AC Coupled, 0.2V/div
Lower Trace : Inductor Current, 0.5A/div
Load Transient Response. I
OUT is switched
between 0.15A and 0.9A
Figure 11(d).
Load Transient Response. I
OUT is switched
between 0.1A and 0.5A
Figure 11(c).
VIN = 2.6V
VIN = 4.2V
40
µs/div
40
µs/div
Efficiency of the Li-ion Cell to 5V
Boost Converter
Figure 11(b).
Figure 11(a). Single Li-ion Cell to 5V Boost Converter
L1: TDK VLF4012AT
C1: Murata GRM188R60J475K
C2: Murata GRM21BR60J106K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com