Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4503 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4503 Datasheet HTML 3Page - Semtech Corporation SC4503 Datasheet HTML 4Page - Semtech Corporation SC4503 Datasheet HTML 5Page - Semtech Corporation SC4503 Datasheet HTML 6Page - Semtech Corporation SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation SC4503 Datasheet HTML 10Page - Semtech Corporation SC4503 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
 2007 Semtech Corp.
www.semtech.com
SC4503
POWER MANAGEMENT
Switch Current Limit
vs Shutdown Pin Voltage
0.0
0.5
1.0
1.5
2.0
2.5
1.2
1.4
1.6
1.8
2.0
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
D = 50%
Switch Current Limit
vs Shutdown Pin Voltage
0.0
0.5
1.0
1.5
2.0
2.5
1.2
1.4
1.6
1.8
2.0
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
D = 80%
Shutdown Pin
Thresholds vs Temperature
0.0
0.5
1.0
1.5
-50
-25
0
255075
100 125
Temperature (°C)
Switching
Shutting Down To IIN < 1µA
Shutdown Pin Current
vs Shutdown Pin Voltage
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
Shutdown Pin Current
vs Shutdown Pin Voltage
0
10
20
30
40
50
60
70
0
5
10
15
20
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
VIN Quiescent Current
vs Shutdown Pin Voltage
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
Shutdown Pin Voltage (V)
25°C
-40°C
125°C
VIN = 3V
VFB = 1.5V
Typical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com