Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7653 Datasheet (PDF) - Exar Corporation

SP7653 Datasheet PDF - Exar Corporation
Part # SP7653
Download  SP7653 Download
File Size   822.92 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1.3MHz, Buck Regulator

SP7653 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP7653 Datasheet PDF - Exar Corporation

Part # SP7653
Download  SP7653 Click to download

File Size   822.92 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1.3MHz, Buck Regulator

SP7653 Datasheet (HTML) - Exar Corporation




Similar Part No. - SP7653

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7653ER SIPEX-SP7653ER Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653ER SIPEX-SP7653ER Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7653ER-L SIPEX-SP7653ER-L Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
More results


Similar Description - SP7653

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Anpec Electronics Corop...
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
logo
Sanken electric
NR121E SANKEN-NR121E Datasheet
552Kb / 12P
Buck Regulator
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
ACE Technology Co., LTD...
ACE722G ACE-ACE722G Datasheet
1Mb / 13P
5V 2.0A, 1.3MHz Synchronous Buck Converter
VER 1.1
logo
Exar Corporation
SP7650 EXAR-SP7650 Datasheet
1Mb / 16P
Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL9309 BELLING-BL9309 Datasheet
895Kb / 9P
5.5V 2.0A 1.3MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com