Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1031CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CD1031CS
Description  CD1031CS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD1031CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD1031CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD1031CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD1031CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD1031CS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicore
绍兴芯谷科技有限公司
CD1031CS
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
3/4
测试原理图
1.0uF
4.7uF
2.7K
VR1
50K
20K
100uF
47uF
2200uF
L: 5.3mH
R: 2.7
0.5
A
D.Y.
Vcc 12V
0.01uF
8.2K
2.2uF
10uF
47uF
VR2
50K
VR3
50K
4.7K
25K
3.9K
3.9K
3.9K
5.6K
10K
3.3uF
1.5K
6
5
210 9
3
1
7
4
8
S1
S3
S4
S2
示波器或数 字 电压表
S5
示波器
频率 计
示波器
2
1
S2
1
2
3
1
2
3
1 2
3
1
2
3
电平 调 节
12V
Tr1
Tr2
Tr1 2SA733
Tr2 2SC945
同步信 号
A
同步信 号
CD1031CP
S4
示波器
示波器或数字电压
示波器
同步信号
电平调节
同步信号
频率计



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com