Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1031CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD1031CS
Description  CD1031CS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD1031CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD1031CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD1031CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD1031CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD1031CS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicore
芯谷科技
绍兴芯谷科技有限公司
www. Silicore. com. cn
CHMC
1/4
CD1031CS
场扫描电路
概述:
封装外形图
单位:mm
CD1031CS 是为黑白电视机和小屏幕彩电场偏
转部分而设计的一块双极型线性集成电路。它在场
同步信号的作用下,产生场偏转信号,并驱动场偏
转线圈。
采用 FSIP10 封装形式。
主要特点:
外围元件少
工作电源电压范围宽,Vcc=9~18V。
同步引入范围可调(通过 5 端与地之间的外接
电阻以及积分电路自由调节)。
消隐脉冲宽度可调。
输出电流容量大,Io(pp)=2A。
内设回扫时间调整电路。
便于在印刷电路板上安装。
功能框图
管脚排列图
CD1031CS
引出端功能符号
引出端序号
功
能
符
号
引出端序号
功
能
符
号
1
场输出
OUTv
6
场振荡
OSCv
2
电
源
Vcc
7
锯齿波输入
RAMP
3
自
举
BS
8
地
GND
4
场振荡输出
OUToss(v)
9
负反馈
NF
5
场同步输入
INvs
10
箝
位
CLA
功率放大
锯齿波
同步振荡
9
10
2
3
1
8
7
4
5
6
9
10
2
3
1
8
7
4
5


Similar Part No. - CD1031CS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CD1031G16 COOPER-CD1031G16 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CD1031G16I COOPER-CD1031G16I Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CD1031G20 COOPER-CD1031G20 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CD1031G20I COOPER-CD1031G20I Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CD1031G25 COOPER-CD1031G25 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com