Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2551E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2551E/P
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP2551E/P Datasheet HTML 1Page - Microchip Technology MCP2551E/P Datasheet HTML 2Page - Microchip Technology MCP2551E/P Datasheet HTML 3Page - Microchip Technology MCP2551E/P Datasheet HTML 4Page - Microchip Technology MCP2551E/P Datasheet HTML 5Page - Microchip Technology MCP2551E/P Datasheet HTML 6Page - Microchip Technology MCP2551E/P Datasheet HTML 7Page - Microchip Technology MCP2551E/P Datasheet HTML 8Page - Microchip Technology MCP2551E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS21667C-page 5
MCP2551
1.5
TXD Permanent Dominant
Detection
If the MCP2551 detects an extended low state on the
TXD input, it will disable the CANH and CANL output
drivers in order to prevent the corruption of data on the
CAN bus. The drivers are disabled if TXD is low for
more than 1.25 ms (minimum). This implies a maxi-
mum bit time of 62.5 µs (16 kb/s bus rate) allowing up
to 20 consecutive transmitted dominant bits during a
multiple bit error and error frame scenario. The drivers
remain disabled as long as TXD remains low. A rising
edge on TXD will reset the timer logic and enable the
CANH and CANL output drivers.
1.6
Power-on Reset
When the device is powered on, CANH and CANL
remain in a high-impedance state until VDD reaches the
voltage level VPORH. In addition, CANH and CANL will
remain in a high-impedance state if TXD is low when
VDD reaches VPORH. CANH and CANL will become
active only after TXD is asserted high. Once powered
on, CANH and CANL will enter a high-impedance state
if the voltage level at VDD falls below VPORL, providing
voltage brown-out protection during normal operation.
1.7
Pin Descriptions
The 8-pin pinout is listed in Table 1-3.
TABLE 1-3:
MCP2551 PINOUT
1.7.1
TRANSMITTER DATA INPUT (TXD)
TXD is a TTL compatible input pin. The data on this pin
is driven out on the CANH and CANL differential output
pins. It is usually connected to the transmitter data out-
put of the CAN controller device. When TXD is low,
CANH and CANL are in the dominant state. When TXD
is high, CANH and CANL are in the recessive state,
provided that another CAN node is not driving the CAN
bus with a dominant state. TXD has an internal pull-up
resistor (nominal 25 k
Ω to VDD).
1.7.2
GROUND SUPPLY (VSS)
Ground supply pin.
1.7.3
SUPPLY VOLTAGE (VDD)
Positive supply voltage pin.
1.7.4
RECEIVER DATA OUTPUT (RXD)
RXD is a CMOS-compatible output that drives high or
low depending upon the differential signals on the
CANH and CANL pins and is usually connected to the
receiver data input of the CAN controller device. RXD
is high when the CAN bus is recessive and low in the
dominant state.
1.7.5
REFERENCE VOLTAGE (VREF)
Reference Voltage Output (Defined as VDD/2).
1.7.6
CAN LOW (CANL)
The CANL output drives the low side of the CAN differ-
ential bus. This pin is also tied internally to the receive
input comparator.
1.7.7
CAN HIGH (CANH)
The CANH output drives the high side of the CAN dif-
ferential bus. This pin is also tied internally to the
receive input comparator.
1.7.8
SLOPE RESISTOR INPUT (RS)
The RS pin is used to select High-Speed, Slope-Control
or Standby modes via an external biasing resistor.
Pin
Number
Pin
Name
Pin Function
1
TXD
Transmit Data Input
2VSS
Ground
3VDD
Supply Voltage
4
RXD
Receive Data Output
5VREF
Reference Output Voltage
6
CANL
CAN Low-Level Voltage I/O
7
CANH
CAN High-Level Voltage I/O
8RS
Slope-Control Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com