Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2551E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2551E/P
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2551E/P Datasheet HTML 7Page - Microchip Technology MCP2551E/P Datasheet HTML 8Page - Microchip Technology MCP2551E/P Datasheet HTML 9Page - Microchip Technology MCP2551E/P Datasheet HTML 10Page - Microchip Technology MCP2551E/P Datasheet HTML 11Page - Microchip Technology MCP2551E/P Datasheet HTML 12Page - Microchip Technology MCP2551E/P Datasheet HTML 13Page - Microchip Technology MCP2551E/P Datasheet HTML 14Page - Microchip Technology MCP2551E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS21667C-page 11
MCP2551
2.3
AC Characteristics
AC Specifications
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°CVDD = 4.5V to 5.5V
Extended (E): TAMB = -40°C to +125°CVDD = 4.5V to 5.5V
Param
No.
Sym
Characteristic
Min
Max
Units
Conditions
1tBIT
Bit time
1
62.5
µs
VRS = 0V
2fBIT
Bit frequency
16
1000
kHz
VRS = 0V
3
TtxL2bus(d) Delay TXD to bus active
—
70
ns
-40°C
≤ TAMB ≤ +125°C,
VRS = 0V
4
TtxH2bus(r)
Delay TXD to bus inactive
—
125
ns
-40°C
≤ TAMB ≤ +85°C,
VRS = 0V
—
170
ns
-40°C
≤ TAMB ≤ +125°C,
VRS = 0V
5
TtxL2rx(d)
Delay TXD to receive active
—
130
ns
-40°C
≤ TAMB ≤ +125°C,
VRS = 0V
—
250
ns
-40°C
≤ TAMB ≤ +125°C,
RS = 47 k
Ω
6
TtxH2rx(r)
Delay TXD to receiver
inactive
—
175
ns
-40°C
≤ TAMB ≤ +85°C,
VRS = 0V
—
225
ns
-40°C
≤ TAMB ≤ +85°C,
RS = 47 k
Ω
—
235
ns
-40°C
≤ TAMB ≤ +125°C,
VRS = 0V
—
400
ns
-40°C
≤ TAMB ≤ +125°C,
RS = 47 k
Ω
7
SR
CANH, CANL slew rate
5.5
8.5
V/µs
Refer to Figure 1-1;
RS = 47 k
Ω, (Note 1)
10
tWAKE
Wake-up time from standby
(Rs pin)
—
5
µs
see Figure 2-6
11
TbusD2rx(s) Bus dominant to RXD Low
(standby mode)
—
550
ns
VRS = +4V; (see Figure 2-7)
12
CIN(CANH)
CIN(CANL)
CANH; CANL input
capacitance
—20
(typical)
pF
1 Mbit/s data rate;
VTXD = VDD, (Note 1)
13
CDIFF
Differential input
capacitance
—10
(typical)
pF
1 Mbit/s data rate
(Note 1)
14
TtxL2busZ
TX Permanent Dominant
Timer Disable Time
1.25
4
ms
15
TtxR2pdt(res) TX Permanent Dominant
Timer Reset Time
—
1
µs
Rising edge on TXD while
device is in permanent
dominant state
Note 1: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com