Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2551E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2551E/P
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2551E/P Datasheet HTML 5Page - Microchip Technology MCP2551E/P Datasheet HTML 6Page - Microchip Technology MCP2551E/P Datasheet HTML 7Page - Microchip Technology MCP2551E/P Datasheet HTML 8Page - Microchip Technology MCP2551E/P Datasheet HTML 9Page - Microchip Technology MCP2551E/P Datasheet HTML 10Page - Microchip Technology MCP2551E/P Datasheet HTML 11Page - Microchip Technology MCP2551E/P Datasheet HTML 12Page - Microchip Technology MCP2551E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS21667C-page 9
MCP2551
FIGURE 2-2:
TEST CIRCUIT FOR ELECTRICAL CHARACTERISTICS
Bus Line (CANH; CANL) Receiver: [TXD = 2V; pins 6 and 7 externally driven]
D22
RDIFF
Differential input resistance
20
100
k
Ω
D24
ILI
CANH, CANL input leakage
current
—150
µA
VDD < VPOR;
VCANH = VCANL = +5V
Transmitter Data Input (TXD):
D25
VIH
High-level input voltage
2.0
—
V
Output recessive
D26
VIL
Low-level input voltage
—
+0.8
V
Output dominant
D27
IIH
High-level input current
-1
+1
µA
VTXD = VDD
D28
IIL
Low-level input current
-100
-400
µA
VTXD = 0V
Receiver Data Output (RXD):
D31
VOH
High-level output voltage
0.7
—
V
IOH = 8 mA
D32
VOL
Low-level output voltage
—
0.8
V
IOL = 8 mA
Voltage Reference Output (VREF):
D33
VREF
Reference output voltage
0.45 VDD
0.55 VDD
V-50 µA < IVREF < 50 µA
Standby/Slope-Control (RS pin):
D34
VSTB
Input voltage for standby mode
0.75 VDD
—V
D35
ISLOPE
Slope-control mode current
-10
-200
µA
D36
VSLOPE
Slope-control mode voltage
0.4 VDD
0.6 VDD
V
Thermal Shutdown:
D37
TJ(sd)
Shutdown junction temperature
155
180
oC
Note 1
D38
TJ(h)
Shutdown temperature
hysteresis
20
30
oC
-12V < V(CANL, CANH) < +12V
(Note 3)
2.2
DC Characteristics (Continued)
DC Specifications (Continued)
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C VDD = 4.5V to 5.5V
Extended (E): TAMB = -40°C to +125°C VDD = 4.5V to 5.5V
Param
No.
Sym
Characteristic
Min
Max
Units
Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: ITXD = IRXD = IVREF = 0 mA; 0V < VCANL < VDD; 0V < VCANH < VDD; VRS = VDD.
3: This is valid for the receiver in all modes, High-Speed, Slope-Control and standby.
RS
Rext
GND
RXD
VREF
TXD
60
Ω
100 pF
30 pF
CANH
CANL
CAN
Transceiver
Note:
RS may be connected to VDD or GND via a load resistor depending on desired operating mode
as described in Section 1.7.8, “Slope Resistor Input”.
0.1µF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com