Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM97600CIUT/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 31Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 32Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 33Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 34Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 35Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 36Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 37Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 38Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
APPLICATION INFORMATION
THE REFERENCE VOLTAGE
The voltage reference for the LM97600 is derived from a 1.1 V bandgap reference, a buffered version of which is
made available at pin 31, VBG, for user convenience. This output has an output current capability of ±100 μA.
This reference voltage should be buffered if more current is required.
The internal bandgap-derived reference voltage has a nominal value of 600 mV or 820 mV, as determined by the
FSR pin and described in Configuration and Control
There is no provision for the use of an external reference voltage, but the full-scale input voltage can be adjusted
through a Configuration Register in the Extended Control mode, as explained in DEVICE CONTROL.
Differential input signals up to the chosen full-scale level will be digitized to 7.6 bits. Signal excursions beyond
the full-scale range will be clipped at the output. These large signal excursions will also activate the OR output
for the time that the signal is out of range. See THE ANALOG INPUT.
One extra feature of the VBG pin is that it can be used to raise the common mode voltage level of the LVDS
outputs. The output offset voltage (VOS) is typically 800mV when the VBG pin is used as an output or left
unconnected. To raise the LVDS offset voltage to a typical value of 1150mV the VBG pin can be connected
directly to the supply rails.
THE ANALOG INPUT
The analog input is a differential one to which the signal source may be a.c. coupled or d.c. coupled. The full-
scale input range is selected with the FSR pin to be 600 mVP-P or 820 mVP-P, or can be adjusted to values
between 560 mVP-P and 840 mVP-P in the Extended Control mode through the Serial Interface. For best
performance, it is recommended that the full-scale range be kept between 595 mVP-P and 805 mVP-P in the
Extended Control mode because the internal DAC which sets the full-scale range is not as linear at the ends of
its range.
Table 9 gives the input to output relationship with the FSR pin high when the normal (non-extended) mode is
used. With the FSR pin grounded, the millivolt values in Table 9 are reduced to 75% of the values indicated. In
the Enhanced Control Mode, these values will be determined by the full scale range and offset settings in the
Control Registers.
Table 9. DIFFERENTIAL INPUT TO OUTPUT RELATIONSHIP (Non-Extended Control Mode, FSR High)(1)
VIN+
VIN−
Output Code
VCM − 205mV
VCM + 205mV
0000 0000
VCM − 102.5 mV
VCM + 102.5 mV
0100 0000
0111 1111 /
VCM
VCM
1000 0000
VCM + 102.5 mV
VCM −102.5 mV
1100 0000
VCM + 205mV
VCM − 205mV
1111 1111
(1)
The Full Scale Range registers for each of the four ADCs must be written consistent with the ADC Mode and Input Select settings
The buffered analog inputs simplify the task of driving these inputs and the RC pole that is generally used at
sampling ADC inputs is not required. If it is desired to use an amplifier circuit before the ADC, use care in
choosing an amplifier with adequate noise and distortion performance and adequate gain at the frequencies used
for the application.
The Input impedance of VIN+ / VIN-in the d.c. coupled mode (VCMO pin not grounded) consists of a precision 100Ω
resistor across the inputs and a capacitance from each of these inputs to ground. In the a.c. coupled mode, the
input appears the same except there is also a resistor of 50K
Ω between each analog input pin and the on-chip
VCMO potential.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com