Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM97600CIUT/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 45Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 46Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 47Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 48Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 49Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 50Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 51Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 52Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
Table 22. Channel D Offset Setting(1)
Addr: 0Bh (0 1011b)
POR state: 0000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
OM
OP
Res
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(1)
Note: The Offset registers for each of the four ADCs must be written consistent with the ADC Mode and Input Select settings
Bits 15:7
Offset Magnitude
These 9 bits set the addressed ADC channel offset as follows:
0d = 0 mV
255d = 20 mV
511d = 45 mV
Bit 6
Offset Polarity
When set to 0b, the addressed ADC channel offset is positive. (ADC output code increases). When set
to 1b, the addressed ADC channel offset is negative. (ADC output code decreases).
Bits 5:0
Reserved
Must be set to 000000b
Table 23. Aperture Delay
Addr: 0Ch (0 1100b)
POR state: 0000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
CD
ID
FD
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bits 15:10
Coarse Delay
These 6 bits select the amount of additional coarse aperture delay.
Typical delay values are:
0d = 0 ps
1d = 20 ps
2d = 40 ps
…
63d = 1260 ps
Bits 9:5
Intermediate Delay
These 5 bits select the amount of additional intermediate aperture delay.
Typical delay values are:
0d = 0 ps
1d = 5 ps
2d = 10 ps
…
63d = 155 ps
Bits 4:0
Fine Delay
These 5 bits select the amount of additional fine aperture delay.
Typical delay values are:
0d = 0 ps
1d = 0.4 ps
2d = 0.8 ps
…
63d = 12.4 ps
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com