Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM97600CIUT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 9Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 10Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 11Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 12Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 13Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 14Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 15Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 16Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
The following specifications apply after calibration for VA = VTH = VC = +1.2VDC, VO = V25 = +2.5VDC, VIN FSR (a.c. coupled) =
Default ECM setting, CL = 10 pF, Differential a.c. coupled Sinewave Input Clock, fCLK = 2.5 GHz at 0.5VP-P with 50% duty
cycle, REXT = 3600Ω ±0.1%, RTRIM = 3600Ω ±0.1%, Analog Signal Source Impedance = 100Ω Differential, after calibration.
Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1)(2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
POWER SUPPLY CHARACTERISTICS
IA
Analog Supply Current
PD = Low
835
mA
ITH
Track and Hold Supply Current
PD = Low
675
mA
IC
Clock Supply Current
PD = Low
150
mA
I25
2.5V Supply current
PD = Low
290
mA
IO
Output Driver Supply Current
PD = Low
105
mA
PD = Low
3.0
3.25
W (max)
PD
Power Consumption
PD = High
60
mW
Change in offset with change in
PSRR1
D.C. Power Supply Rejection Ratio
supplies from Min to Max Operating
70
dB
values
248 MHz, 100mVP-P riding on
PSRR2
A.C. Power Supply Rejection Ratio
50
dB
supplies
AC ELECTRICAL CHARACTERISTICS - Sampling Clock
GHz
fCLK1
Maximum Input Clock Frequency
Sampling rate is 2x clock input
2.5
(min)
GHz
fCLK2
Minimum Input Clock Frequency
Sampling rate is 2x clock input
1.0
(max)
fCLK2 ≤ Input clock frequency ≤
30
% (min)
tCYC
Input Clock Duty Cycle
50
fCLK1
(12)
70
% (max)
tLC
Input Clock Low Time
fCLK = fCLK1
(13)
120
ps (min)
tHC
Input Clock High Time
fCLK = fCLK1
(13)
120
ps (min)
tAJ
Aperture Jitter
0.55
ps rms
(12) This parameter is ensured by design and/or characterization and is not tested in production.
(13) This parameter is ensured by design and is not tested in production.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com