Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMA/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM7372IMA/NOPB Datasheet HTML 1Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 2Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 3Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 4Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 5Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 6Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Detailed Description ............................................ 12
7.1
Functional Block Diagram ....................................... 12
2
Applications ........................................................... 1
8
Application and Implementation ........................ 13
3
Description ............................................................. 1
8.1
Application Information............................................ 13
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 13
5
Pin Configuration and Functions ......................... 3
8.3
Application Details................................................... 14
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 20
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 21
6.2
Handling Ratings....................................................... 4
10.1
Layout Guidelines ................................................. 21
6.3
Recommended Operating Conditions(1) ................... 4
11
Device and Documentation Support ................. 21
6.4
Thermal Information .................................................. 4
11.1
Trademarks ........................................................... 21
6.5
±15V DC Electrical Characteristics .......................... 5
11.2
Electrostatic Discharge Caution ............................ 21
6.6
±15V AC Electrical Characteristics .......................... 6
11.3
Glossary ................................................................ 21
6.7
±5V DC Electrical Characteristics ............................ 6
6.8
±5V AC Electrical Characteristics ............................ 7
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
6.9
Typical Performance Characteristics ........................ 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (March 2013) to Revision F
Page
•
Changed data sheet structure and organization. Added, updated, or renamed the following sections: Device
Information Table, Pin Configuration and Functions, Application and Implementation; Device and Documentation
Support; Mechanical, Packaging, and Ordering Information .................................................................................................. 1
•
Changed "Junction Temperature Range" to "Operating Temperature Range" ...................................................................... 4
•
Deleted TJ = 25°C for Electrical Characteristics tables .......................................................................................................... 5
Changes from Revision D (March 2013) to Revision E
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 21
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com