Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMA/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM7372IMA/NOPB Datasheet HTML 4Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 5Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 6Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 9Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 10Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 11Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1
10
20
OUTPUT VOLTAGE (VP-P)
-110
-90
-70
-50
VS = ±12V
AV = 8
RL = 100
f = 100kHz
HD2
HD3
1
10
20
OUTPUT VOLTAGE (VP-P)
-100
-80
-60
-40
VS = ±12V
AV = 8
RL = 100
f = 1MHz
HD2
HD3
FREQUENCY (Hz)
100k
1M
100M
-110
-90
-70
-50
-30
VS = ±12V
AV = 8
VO = 2VP-P
RL = 100
HD2
HD3
FREQUENCY (Hz)
100k
1M
10M
-90
-70
-50
-30
VS = ±12V
AV = 8
VO = 16.8VP-P
RL = 100
HD3
HD2
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
VS = ±12V
AV = 2
VO = 2VP-P
RL = 100
HD2
HD3
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
-30
VS = ±12V
AV = 2
VO = 16.8VP-P
RL = 100
HD3
HD2
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
6.9 Typical Performance Characteristics
Figure 1. Harmonic Distortion vs Frequency
Figure 2. Harmonic Distortion vs Frequency
Figure 3. Harmonic Distortion vs Frequency
Figure 4. Harmonic Distortion vs Frequency
Figure 5. Harmonic Distortion vs
Figure 6. Harmonic Distortion vs Output Level
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com