Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMA/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7372IMA/NOPB Datasheet HTML 17Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 18Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 19Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 20Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 21Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 22Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 23Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 24Page - Texas Instruments LM7372IMA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
10 Layout
10.1 Layout Guidelines
Generally, a good high-frequency layout will keep power supply and ground traces away from the inverting input
and output pins. Parasitic capacitance on these nodes to ground will cause frequency response peaking and
possible circuit oscillations (see Application Note OA-15, "Frequent Faux Pas in Applying Wideband Current
Feedback Amplifiers", SNOA367, for more information). Texas Instruments suggests the following evaluation
boards as a guide for high frequency layout and as an aid in device testing and characterization:
Table 4. Printed Circuit Board Layout and Evaluation Boards
DEVICE
PACKAGE
EVALUATION BOARD PN
LM7372MA
16-Pin SOIC
None
LM7372MR
8-Pin SO PowerPAD
LMH730121
The DAP (die attach paddle) on the 8-Pin SO PowerPAD should be tied to V−. It should not be tied to ground.
See the respective Evaluation Board documentation.
11 Device and Documentation Support
11.1 Trademarks
VIP is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
11.2 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
11.3 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com