Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CIWM Datasheet(PDF) 16 Page - Texas Instruments

Part # LMF100CIWM
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMF100CIWM Datasheet HTML 12Page - Texas Instruments LMF100CIWM Datasheet HTML 13Page - Texas Instruments LMF100CIWM Datasheet HTML 14Page - Texas Instruments LMF100CIWM Datasheet HTML 15Page - Texas Instruments LMF100CIWM Datasheet HTML 16Page - Texas Instruments LMF100CIWM Datasheet HTML 17Page - Texas Instruments LMF100CIWM Datasheet HTML 18Page - Texas Instruments LMF100CIWM Datasheet HTML 19Page - Texas Instruments LMF100CIWM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Not Recommended for New Designs
LMF100
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LMF100 device contains two general-purpose, very high-performance switched capacitor filters that are cost-
effective and space-saving. It enables designers to implement all the classical filters up to fourth-order biquad
with one chip. This switched capacitor filters can be used in a broad range of industrial and consumer application
such as audio, communication, instrumentation, medical, telemetry, etc. It can be directly cascaded to implement
higher order filters,
8.2 Functional Block Diagram
8.3 Feature Description
The LMF100 is an all CMOS switched capacitor filter device that consists of two filters capable of wide supply
range from 4 V to 15 V. It features much higher performance than the pin-compatible MF10 device with operation
frequency to 100 kHz, which is 3X broader, and fo x Q range to 1.8 MHz which is 9X higher. Furthermore, it has
pins that also function to configure filter modes of operation, level shifting, clock to filter center frequency setting,
and power rail selections enabling flexibility and ease of programming.
8.4 Device Functional Modes
8.4.1 Modes of Operation
The LMF100 is a switched capacitor (sampled data) filter. To fully describe its transfer functions, a time domain
analysis is appropriate. Because this is cumbersome, and because the LMF100 closely approximates continuous
filters, the following discussion is based on the well-known frequency domain. Each LMF100 can produce two full
second-order functions. See Table 1 for a summary of the characteristics of the various modes.
16
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com