Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CIWM Datasheet(PDF) 7 Page - Texas Instruments

Part # LMF100CIWM
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMF100CIWM Datasheet HTML 3Page - Texas Instruments LMF100CIWM Datasheet HTML 4Page - Texas Instruments LMF100CIWM Datasheet HTML 5Page - Texas Instruments LMF100CIWM Datasheet HTML 6Page - Texas Instruments LMF100CIWM Datasheet HTML 7Page - Texas Instruments LMF100CIWM Datasheet HTML 8Page - Texas Instruments LMF100CIWM Datasheet HTML 9Page - Texas Instruments LMF100CIWM Datasheet HTML 10Page - Texas Instruments LMF100CIWM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Q
Q
D
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Electrical Characteristics for V
+ = +2.5 V and V− = −2.5 V (continued)
The following specifications apply for Mode 1, Q = 10 (R1 = R3 = 100 k, R2 = 10 k), V
+ = +2.50 V and V− = −2.50 V unless
otherwise specified. All limits are TA = TJ = 25°C unless otherwise specified.
LMF100CCN
LMF100CIWM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
15000
fCLK
Clock frequency
5
5
1500000
Hz
00
±0.2%
±0.2%
Tested
fCLK/f
Clock to center frequency ratio
VPin12 = 5 V or 0
TMIN to TMAX
±1%
±1%
Limit
(1)
0
deviation
V, fCLK = 1 MHz
Design
±1%
Limit
(2)
±0.5%
±0.5%
Q = 10, Mode 1,
±5%
Tested
VPin12 = 5 V or 0
Q Error (MAX)
(3)
Limit
(1)
TMIN to TMAX
±8%
V,
fCLK = 1 MHz
Design
TMIN to TMAX
±8%
Limit
(2)
0
0
±0.4
Tested
HOBP
Bandpass gain at f0
fCLK = 1 MHz
Limit
(1)
dB
TMIN to TMAX
±0.5
Design
TMIN to TMAX
±0.5
Limit
(2)
0
0
±0.2
Tested
R1 = R2 = 10 k,
HOLP
DC Lowpass gain
Limit
(1)
dB
TMIN to TMAX
±0.2
fCLK = 250 kHz
Design
TMIN to TMAX
±0.2
Limit
(2)
±5
±5
±15
±15
Tested
VOS1
DC Offset voltage
(4)
fCLK = 250 kHz
Limit
(1)
mV
TMIN to TMAX
Design
TMIN to TMAX
±15
Limit
(2)
±20
±20
±60
Tested Limit
(1)
mV
SA/B = V
+
TMIN to TMAX
±60
Design Limit
(2)
TMIN to TMAX
±60
VOS2
DC Offset voltage
(4)
fCLK = 250 kHz
±10
±10
mV
±50
Tested Limit
(1)
SA/B = V
–
TMIN to TMAX
±60
Design Limit
(2)
TMIN to TMAX
±60
±10
±10
±25
Tested
VOS3
DC Offset voltage
(4)
fCLK = 250 kHz
Limit
(1)
mV
TMIN to TMAX
±30
Design
TMIN to TMAX
±30
Limit
(2)
Crosstalk
(5)
A Side to B Side or B Side to A Side
–65
–65
dB
fCLK = 250 kHz
N
25
25
Output noise
(6)
20 kHz Bandwidth
BP
250
250
µV
100:1 Mode
LP
220
220
Clock feedthrough
(7)
fCLK = 250 kHz 100:1 Mode
2
2
mV
(3)
The accuracy of the Q value is a function of the center frequency (f0). This is illustrated in the curves under the heading Typical
Characteristics.
(4)
Vos1, Vos2, and Vos3 refer to the internal offsets as discussed in the Application Information.
(5)
Crosstalk between the internal filter sections is measured by applying a 1 VRMS 10-kHz signal to one bandpass filter section input and
grounding the input of the other bandpass filter section. The crosstalk is the ratio between the output of the grounded filter section and
the 1 VRMS input signal of the other section.
(6)
In 50:1 mode the output noise is 3 dB higher.
(7)
In 50:1 mode the clock feed through is 6 dB higher.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com