Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CIWM Datasheet(PDF) 21 Page - Texas Instruments

Part # LMF100CIWM
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMF100CIWM Datasheet HTML 17Page - Texas Instruments LMF100CIWM Datasheet HTML 18Page - Texas Instruments LMF100CIWM Datasheet HTML 19Page - Texas Instruments LMF100CIWM Datasheet HTML 20Page - Texas Instruments LMF100CIWM Datasheet HTML 21Page - Texas Instruments LMF100CIWM Datasheet HTML 22Page - Texas Instruments LMF100CIWM Datasheet HTML 23Page - Texas Instruments LMF100CIWM Datasheet HTML 24Page - Texas Instruments LMF100CIWM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
CLK
CLK
c
f
f
R2
R2
f
cutoff frequency of LP outputs
or
R3 100
R3 50
=
=
OHP
R2
H
R1
= -
OLP
R3
H
R1
= -
CLK
CLK
0
f
f
R2
R2
f
cutoff frequency of LP or HP output
or
R3 100
R3 50
=
=
OLP
R2
R1
R4
H
R2
R4
R1
+
æ
ö
= -
´
ç
÷
+
è
ø
OBP
R2
R3
H
1
R1
R2
æ
ö
= -
+
´
ç
÷
è
ø
CLK
f
R2
H2
gain at C.Z. output as f
2
R1
æ
ö -
=
®
ç
÷
è
ø
(
)
(
)
(
)
0z1
R2 R4 R1
H
gain at C.Z. output as f
0 Hz
R1 R2 R4
-
-
=
®
+
z
R3
Q
1 R1 / R4
R1
=
-
´
R3
Q
1 R2 / R4
R2
=
+
´
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Device Functional Modes (continued)
(61)
(62)
(63)
(64)
(65)
(66)
Figure 46. MODE 4
Figure 47. MODE 5
8.4.1.9 MODE 6a: Single-Pole, HP, LP Filter (See Figure 48)
(67)
(68)
(69)
Figure 48. MODE 6a
8.4.1.10 MODE 6b: Single-Pole LP Filter (Inverting and Noninverting) (See Figure 49)
(70)
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com