Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1801U/2K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1801U/2K
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1801U/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM1801U/2K Datasheet HTML 1Page - Texas Instruments PCM1801U/2K Datasheet HTML 2Page - Texas Instruments PCM1801U/2K Datasheet HTML 3Page - Texas Instruments PCM1801U/2K Datasheet HTML 4Page - Texas Instruments PCM1801U/2K Datasheet HTML 5Page - Texas Instruments PCM1801U/2K Datasheet HTML 6Page - Texas Instruments PCM1801U/2K Datasheet HTML 7Page - Texas Instruments PCM1801U/2K Datasheet HTML 8Page - Texas Instruments PCM1801U/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
Single-End/
Differential
Converter
BCK
VINL
Reference
Single-End/
Differential
Converter
VREF1
VREF2
VINR
5th Order
Delta-Sigma
Modulator
5th Order
Delta-Sigma
Modulator
×1/64
Decimation
and
High-Pass
Filter
Power Supply
AGND
VCC
VDD
DGND
Clock/Timing Control
Serial Data
Interface
LRCK
DOUT
FMT
BYPAS
SCKI
(+)
(−)
(−)
(+)
PCM1801
B0004-02
Format
Control
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, 16-bit data, and SYSCLK = 384 fS, unless otherwise noted.
PCM1801U
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY REQUIREMENTS
VCC
4.5
5
5.5
Voltage range
VDC
VDD
4.5
5
5.5
Supply current(6)
VCC = VDD = 5 V
18
24
mA
Power dissipation
VCC = VDD = 5 V
90
120
mW
TEMPERATURE RANGE
TA
Operation
–25
85
°C
Tstg
Storage
–55
125
°C
θJA
Thermal resistance
100
°C/W
(6)
No load on DOUT (pin 8)
BLOCK DIAGRAM
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com