Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1801U/2K Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1801U/2K
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1801U/2K Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1801U/2K Datasheet HTML 9Page - Texas Instruments PCM1801U/2K Datasheet HTML 10Page - Texas Instruments PCM1801U/2K Datasheet HTML 11Page - Texas Instruments PCM1801U/2K Datasheet HTML 12Page - Texas Instruments PCM1801U/2K Datasheet HTML 13Page - Texas Instruments PCM1801U/2K Datasheet HTML 14Page - Texas Instruments PCM1801U/2K Datasheet HTML 15Page - Texas Instruments PCM1801U/2K Datasheet HTML 16Page - Texas Instruments PCM1801U/2K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
SCKI
0.8 V
2 V
tCLKIL
tCLKIH
T0005-04
POWER-ON RESET
1024 System Clocks
Reset
Reset Removal
4.4 V
4 V
3.6 V
VCC / VDD
Internal Reset
System Clock
3 Clocks Minimum
DOUT
Zero Data
Normal Data(1)
18436 / fS
T0014-02
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
Table 2. System Clock Frequencies
SAMPLING RATE FREQUENCY
SYSTEM CLOCK FREQUENCY
(kHz)
256 fs
384 fs
512 fs
32
8.1920
12.2880
16.3840
44.1
11.2896
16.9344
22.5792
48
12.2880
18.4320
24.5760
System clock pulse duration, HIGH
t(CLKIH)
12 ns (min)
System clock pulse duration, LOW
t(CLKIL)
12 ns (min)
Figure 23. System Clock Timing
The PCM1801 has an internal power-on reset circuit, which initializes (resets) when the supply voltage
(VCC/VDD) exceeds 4 V (typical). Because the system clock is used as the clock signal for the reset circuit, the
system clock must be supplied as soon as power is applied; more specifically, the device must receive at least
three system clock cycles before VDD > 4 V. While VCC/VDD < 4 V (typical) and for 1024 system clock cycles after
VCC/VDD > 4 V, the PCM1801 stays in the reset state and the digital output is forced to zero. The digital output is
valid 18,436 fS periods after release from the reset state. Figure 24 illustrates the internal power-on reset timing
and the digital output for power-on reset.
(1)
The transient response (exponentially attenuated signal from
±0.2% dc of FSR with a 200-ms time constant) appears
initially.
Figure 24. Internal Power-On Reset Timing
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com