Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1801U/2K Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1801U/2K
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1801U/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1801U/2K Datasheet HTML 3Page - Texas Instruments PCM1801U/2K Datasheet HTML 4Page - Texas Instruments PCM1801U/2K Datasheet HTML 5Page - Texas Instruments PCM1801U/2K Datasheet HTML 6Page - Texas Instruments PCM1801U/2K Datasheet HTML 7Page - Texas Instruments PCM1801U/2K Datasheet HTML 8Page - Texas Instruments PCM1801U/2K Datasheet HTML 9Page - Texas Instruments PCM1801U/2K Datasheet HTML 10Page - Texas Instruments PCM1801U/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
0.002
0.003
0.004
0.005
0.006
4.25
4.50
4.75
5.00
5.25
5.50
5.75
VCC − Supply Voltage − V
3.0
2.8
2.6
2.2
2.4
G003
−60 dB
−0.5 dB
92
93
94
95
96
4.25
4.50
4.75
5.00
5.25
5.50
5.75
VCC − Supply Voltage − V
96
95
94
92
93
G004
Dynamic Range
SNR
0.002
0.003
0.004
0.005
0.006
Sampling Rate − kHz
3.0
2.8
2.6
2.2
2.4
G005
48
32
44.1
−60 dB
−0.5 dB
92
93
94
95
96
96
95
94
92
93
G006
Dynamic Range
SNR
Sampling Rate − kHz
48
32
44.1
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, and SYSCLK = 384 fS, unless otherwise noted
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs
vs
SAMPLING RATE
SAMPLING RATE
Figure 5.
Figure 6.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com