Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717MA/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7717MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP7717MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
-
+
2.5V
CF
RF
DPHOTO
CD
CCM
-2.5V
2.5V
VOUT
LMP7717
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
Figure 60. LMP7715 Response Gain = +1
With no increase in power consumption the decompensated op amp offers faster speed than the compensated
equivalent part . These examples used RF = 2 kΩ. This value is high enough to be easily driven by the
LMP7717/LMP7718, yet small enough to minimize the effects from the parasitic capacitance of both the PCB and
the op amp.
NOTE
When using the LMP7717/LMP7718, proper high frequency PCB layout must be followed.
The GBW of these parts is 88 MHz, making the PCB layout significantly more critical than
when using the compensated counterparts which have a GBW of 17 MHz.
TRANSIMPEDANCE AMPLIFIER
An excellent application for either the LMP7717 or the LMP7718 is as a transimpedance amplifier. With a GBW
product of 88 MHz these parts are ideal for high speed data transmission by light. The circuit shown on the front
page of the datasheet is the circuit used to test the LMP7717/LMP7718 as transimpedance amplifiers. The only
change is that VB is tied to the VCC of the part, thus the direction of the diode is reversed from the circuit shown
on the front page.
Very high speed components were used in testing to check the limits of the LMP7717/LMP7718 in a
transimpedance configuration. The photodiode part number is PIN-HR040 from OSI Optoelectronics. The diode
capacitance for this part is only about 7 pF for the 2.5V bias used (VCC to virtual ground). The rise time for this
diode is 1 nsec. A laser diode was used for the light source. Laser diodes have on and off times under 5 nsec.
The speed of the selected optical components allowed an accurate evaluation of the LMP7717 as a
transimpedance amplifier. TIs evaluation board for decompensated op amps, PN 551013271-001 A, was used
and only minor modifications were necessary and no traces had to be cut.
Figure 61. Transimpedance Amplifier
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com