Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717MA/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7717MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP7717MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
VOUT =
-RF
1 + sCFRF
x IDIODE
1 + ¨
¨
©
§ C
F + CIN
CF
2
= 8S
2
´
2
GBW RF
2 C
F
2
=
1
Z
CFRF
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
For the above equation s = j
ω. To find the actual amplitude of the equation the square root of the square of the
real and imaginary parts are calculated. At the intersection of F and A, we have:
(17)
After a bit of algebraic manipulation the above equation reduces to:
(18)
In the above equation the only unknown is CF. In trying to solve this equation the fourth power of CF must be
dealt with. An excel spread sheet with this equation can be used and all the known values entered. Then through
iteration, the value of CF when both sides are equal will be found. That is the correct value for CF and of course
the closest standard value is used for CF.
Before moving to the lab, the transfer function of the transimpedance amplifier must be found and the units must
be in Ohms.
(19)
The LMP7717 was evaluated for RF = 10 kΩ and 100 kΩ, representing a somewhat lower gain configuration and
with the 100 k
Ω feedback resistor a fairly high gain configuration. The RF = 10 kΩ is covered first. Looking at the
Input Common Mode Capacitance vs. VCM chart for CCM for the operating point selected CCM = 15 pF. Note that
for split supplies VCM = 2.5V, CIN = 22 pF and fGBW = 88 MHz. Solving for CF the calculated value is 1.75 pF, so
1.8 pF is selected for use. Checking the frequency of the pole finds that it is at 8.8 MHz, which is right at the
minimum gain recommended for this part. Some over compensation was necessary for stability and the final
selected value for CF is 2.7 pF. This moves the pole to 5.9 MHz. Figure 63 and Figure 64 show the rise and fall
times obtained in the lab with a 1V output swing. The laser diode was difficult to drive due to thermal effects
making the starting and ending point of the pulse quite different, therefore the two separate scope pictures.
Figure 63. Fall Time
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com