Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717MA/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7717MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP7717MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7717MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
1.5
2.5
3.5
4.5
5.5 6.0
V
+
(V)
0
0.4
0.8
1.2
1.6
2
25°C
-40°C
125°C
-0.3
0
0.3
0.6
0.9
1.2
1.5
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
125°C
25°C
-40°C
VS = 1.8V
0
5
10
15
20
25
TCVOS (PV/°C)
-3
-2
-1
0
-4
-40°C d TA d 125°C
VS = 2.5V, 5V
VCM = VS/2
UNITS TESTED:
10,000
0
5
10
15
20
25
OFFSET VOLTAGE (PV)
-100
0
100
200
-200
VS = 2.5V
VCM = VS/2
UNITS TESTED:10,000
-200
-100
0
100
200
0
5
10
15
20
25
OFFSET VOLTAGE (PV)
VS = 5V
VCM = VS/2
UNITS TESTED: 10,000
0
-4
-3
-2
-1
0
1
2
TCVOS (PV/°C)
5
10
15
20
25
-40°C d TA d 125qC
VS = 2.5V, 5V
VCM = VS/2
UNITS TESTED:
10,000
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = 5V, V
S = V
+ - V−, V
CM = VS/2.
TCVOS Distribution (LMP7717)
Offset Voltage Distribution
Figure 6.
Figure 7.
TCVOS Distribution (LMP7717)
Offset Voltage Distribution
Figure 8.
Figure 9.
Supply Current
Offset Voltage
vs.
vs.
Supply Voltage (LMP7717)
VCM
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com