Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108 Datasheet(HTML) 2 Page - Texas Instruments

  TAS3108 Datasheet HTML 1Page - Texas Instruments TAS3108 Datasheet HTML 2Page - Texas Instruments TAS3108 Datasheet HTML 3Page - Texas Instruments TAS3108 Datasheet HTML 4Page - Texas Instruments TAS3108 Datasheet HTML 5Page - Texas Instruments TAS3108 Datasheet HTML 6Page - Texas Instruments TAS3108 Datasheet HTML 7Page - Texas Instruments TAS3108 Datasheet HTML 8Page - Texas Instruments TAS3108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
www.ti.com
Contents
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
1
Introduction
............................................... 1
7
I
2C Register Map
........................................ 37
1.1
Features
.............................................. 1
7.1
Clock Control Register (0x00)
...................... 38
1.2
Applications
........................................... 1
7.2
Status Register (0x02)
.............................. 41
7.3
I2C Memory Load Control and Data Registers (0x04
2
Functional Description
................................. 3
and 0x05)
............................................ 42
2.1
Device Description
.................................... 3
7.4
Memory Access Registers (0x06 and 0x07)
........ 43
2.2
Power Supply
......................................... 4
8
Electrical Specifications
.............................. 44
2.3
Clock Control
......................................... 4
8.1
Absolute Maximum Ratings Over Operating
2.4
Serial Audio Ports (SAPs)
............................ 4
Temperature Range (unless otherwise noted)
...... 44
2.5
M8051Warp Microprocessor
.......................... 4
8.2
Package Dissipation Ratings
2.6
I2C Control Interface
.................................. 4
(TAS3108/TAS3108IA)
.............................. 44
2.7
Audio DSP Core
...................................... 5
8.3
Recommended Operating Conditions
(TAS3108/TAS3108IA)
.............................. 44
3
Physical Characteristics
............................... 6
8.4
Electrical Characteristics (TAS3108/TAS3108IA)
... 45
3.1
Terminal Assignments
................................ 6
8.5
Timing Characteristics
............................... 46
3.2
Terminal Descriptions
................................ 7
8.5.1
Master Clock Signals (TAS3108/TAS3108IA)
..... 46
3.3
Reset (RESET)
....................................... 7
8.5.2
Serial Audio Port Slave Mode Signals
3.4
Power-On Reset (RESET)
............................ 8
(TAS3108/TAS3108IA)
.............................. 47
3.5
Power Down (PDN)
................................... 8
8.5.3
Serial Audio Port Master Mode Signals
3.6
I2C Bus Control (CS0)
................................ 8
(TAS3108/TAS3108IA)
.............................. 48
3.7
Programmable General Purpose I/O (GPIO)
......... 8
8.5.4
Pin-Related Characteristics of the SDA and SCL
3.8
Input and Output Serial Audio Ports
.................. 9
I/O Stages for F/S-Mode I2C-Bus Devices
.......... 49
4
Algorithm and Software Development Tools for
8.5.6
Reset Timing (TAS3108/TAS3108IA)
.............. 51
TAS3108/TAS3108IA
................................... 18
9
Application Information
............................... 53
5
Clock Controls
.......................................... 19
9.1
Schematics
.......................................... 53
6
Microprocessor Controller
.......................... 27
9.2
Recommended Oscillator Circuit
.................... 55
6.1
General I2C Operations
............................. 28
9.3
Recommended PCB Design for TAS3108IA
6.2
Detailed I2C Operation
.............................. 29
Applications
......................................... 55
6.3
I2C Master-Mode Device Initialization
.............. 31
2
Contents
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com