Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS3108 Datasheet HTML 9Page - Texas Instruments TAS3108 Datasheet HTML 10Page - Texas Instruments TAS3108 Datasheet HTML 11Page - Texas Instruments TAS3108 Datasheet HTML 12Page - Texas Instruments TAS3108 Datasheet HTML 13Page - Texas Instruments TAS3108 Datasheet HTML 14Page - Texas Instruments TAS3108 Datasheet HTML 15Page - Texas Instruments TAS3108 Datasheet HTML 16Page - Texas Instruments TAS3108 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
www.ti.com
3.8.3
2 Channel Right Justified Timing
23
22
SCLK
32Clks
LRCLK
LeftChannel
24-BitMode
1
20-BitMode
16-BitMode
15
14
MSB
LSB
SCLK
32Clks
RightChannel
2-ChannelRight-Justified(SonyFormat)StereoInput
T0034-03
19
18
1
19
18
1
0
0
0
15
14
15
14
23
22
1
15
14
MSB
LSB
19
18
1
19
18
1
0
0
0
15
14
15
14
3.8.4
TDM Modes
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
In 2-channel right-justified timing, LRCLK is HIGH when left channel data is transmitted and LOW when
right channel data is transmitted. SCLK is a bit clock running at 64
× f
S, which clocks in each bit of the
data. The first bit of data appears on the data lines 8 bit-clock periods (for 24-bit data) after LRCLK
toggles. In the right-justified mode, the last bit clock before LRCLK transitions always clocks the LSB of
data. The data is written MSB first and is valid on the rising edge of the bit clock. The
TAS3108/TAS3108IA masks unused leading data-bit positions.
Figure 3-4. Right justified 64-fS Format
The TDM modes on the TAS3108/TAS3108IA provide left justified and I2S formats. Each word in the TDM
data stream adheres to the bit placement shown in Figure 3-5 and Figure 3-6. Two cases are
illustrated—an I2S data format and a left-justified data format.
Submit Documentation Feedback
Physical Characteristics
13
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com