Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS3108 Datasheet HTML 4Page - Texas Instruments TAS3108 Datasheet HTML 5Page - Texas Instruments TAS3108 Datasheet HTML 6Page - Texas Instruments TAS3108 Datasheet HTML 7Page - Texas Instruments TAS3108 Datasheet HTML 8Page - Texas Instruments TAS3108 Datasheet HTML 9Page - Texas Instruments TAS3108 Datasheet HTML 10Page - Texas Instruments TAS3108 Datasheet HTML 11Page - Texas Instruments TAS3108 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
www.ti.com
3.4 Power-On Reset (RESET)
3.5 Power Down (PDN)
3.6
I
2C Bus Control (CS0)
3.7
Programmable General Purpose I/O (GPIO)
3.7.1
No EEPROM is Present or a Memory Error Occurs
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
As long as RESET is held LOW, the device is in the reset state. During reset, all I2C and serial data bus
operations are ignored. The I2C interface SCL and SDA lines go into a high-impedance state and remain
in that state until device initialization has completed.
The rising edge of the reset pulse begins the initialization housekeeping functions of clearing memory and
setting the default register values. Once these are complete, the TAS3108/TAS3108IA enables its master
I2C interface and disables its slave I2C interface.
Then the TAS3108/TAS3108IA looks for an EEPROM as described in Section 2.6, I2C Control Interface.
On power up, it is recommended that the TAS3108/TAS3108IA RESET be held LOW until DVDD has
reached 3.3 V. This can be done by programming the system controller or by using an external RC delay
circuit. The 1-k
Ω and 1-µF values provide a delay of approximately 200 µs. The values of R and C can be
adjusted to provide other delay values as necessary.
PDN is a user-firmware-definable pin that is programmed in the default TAS3108 and TAS3108IA
configuration to stop all clocks in the TAS3108/TAS3108IA, while preserving the state of the device. For
more information, see TAS3108/TAS3108IA Firmware Programmer's Guide (SLEU067).
The TAS3108/TAS3108IA has a control to specify the slave and master I2C address. This control permits
up to two TAS3108/TAS3108IA devices to be placed in a system without external logic.
See Section 6.2 for a complete description of this pin.
The TAS3108/TAS3108IA has one GPIO pin that is 8051 firmware programmable.
On power up or following a reset, the GPIO pin becomes an input. Afterwards, the microprocessor can
program the GPIO as an input or an output.
For more information, see TAS3108/TAS3108IA Firmware Programmer's Guide (SLEU067).
Following reset or power-up initialization with the EEPROM not present or if a memory error occurs, the
TAS3108/TAS3108IA is in one of two modes, depending on the setting of the GPIO pin.
• GPIO pin is logic HIGH (through a 20-kΩ resistor)
With the GPIO pin held HIGH during initialization, the TAS3108/TAS3108IA comes up in the default
configuration with the serial data outputs not active. Once the TAS3108/TAS3108IA has completed
the default initialization procedure and after the status register is updated and the I2C slave
interface is enabled, the GPIO pin is an output and is driven LOW. Following the HIGH-to-LOW
transition of the GPIO pin, the system controller can access the TAS3108/TAS3108IA through the
I2C interface and read the status register to determine the load status.
If a memory-read error occurs, the TAS3108/TAS3108IA reports the error in the status register (I2C
subaddress 0x02).
• GPIO pin is logic LOW (through a 20-kΩ resistor)
With GPIO pin held LOW during initialization, the TAS3108/TAS3108IA comes up in an I/O test
configuration. In this case, once the TAS3108/TAS3108IA completes its default test initialization
procedure, the status register is updated, the I2C slave interface is enabled, and the
TAS3108/TAS3108IA streams audio unaltered from input to output as SDIN1 to SDOUT1, SDIN2 to
SDOUT2, etc.
In this configuration, the GPIO pin is an output signal that is driven LOW. If the external logic is no
Physical Characteristics
8
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com