Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108IADCPRG4 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 27Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 28Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 29Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 30Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 31Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 32Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 33Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 34Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
www.ti.com
6.2.1
Multiple-Byte Write
D7
D0 ACK
Stop
Condition
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
LastDataByte
A6
A5
A1
A0 R/W ACK
A7
A5
A1
A0
ACK D7
ACK
Start
Condition
Acknowledge
Acknowledge
Acknowledge
FirstDataByte
A4
A3
A6
OtherDataBytes
ACK
Acknowledge
D0
D7
D0
T0036-02
6.2.2
Multiple-Byte Read
A6
A0
ACK
Acknowledge
I CDevice Addressand
Read/WriteBit
2
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I CDevice Addressand
Read/WriteBit
2
Subaddress
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0036-04
6.3 I
2C Master-Mode Device Initialization
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
For the standard I2C mode (SCL = 100 kHz), worst-case wait state time for an 8-MHz microprocessor
clock is on the order of 2
µs. Nominal wait-state time for the same 8-MHz microprocessor clock is on the
order of 1
µs. For the fast I2C mode (SCL = 400 kHz) and the same 8-MHz microprocessor clock,
worst-case wait-state time can extend up to 10.5
µs in duration. Nominal wait-state time for this same
case lies in a range from 2
µs to 4.6 µs. Increasing the microprocessor clock frequency lowers the
wait-state time and for the standard I2C mode, a faster microprocessor clock can totally eliminate the
presence of wait states.
For example, increasing the microprocessor clock to 16 MHz results in no wait states. For the fast I2C
mode, faster microprocessor clocks shorten the wait-state time encountered, but do not totally eliminate
wait states.
Multiple data bytes are transmitted by the master device to slave as shown in Figure 6-3. After receiving
each data byte, the TAS3108/TAS3108IA responds with an acknowledge bit.
Figure 6-3. Multiple-Byte Write Transfer
Multiple data bytes are transmitted by the TAS3108/TAS3108IA to the master device as shown in
Figure 6-4. Except for the last data byte, the master device responds with an acknowledge bit after
receiving each data byte.
Figure 6-4. Multiple-Byte Read Transfer
I2C master-mode operation is enabled following a reset or power-on reset. Master-mode I2C transactions
do not start until the I2C bus is idle.
The TAS3108/TAS3108IA uses the master mode to download from EEPROM the memory contents for the
microprocessor program memory, microprocessor extended memory, audio DSP core program memory,
audio DSP core coefficient memory, and audio DSP core data memory.
The TAS3108/TAS3108IA, when operating as an I2C master, can execute a complete download of any
internal memory or any section of any internal memory without requiring any wait states.
Submit Documentation Feedback
Microprocessor Controller
31
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com