Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108IADCPRG4 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 40Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 41Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 42Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 43Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 44Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 45Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 46Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 47Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
www.ti.com
8
Electrical Specifications
8.1 Absolute Maximum Ratings Over Operating Temperature Range (unless otherwise noted)
(1)
8.2 Package Dissipation Ratings (TAS3108/TAS3108IA)
8.3
Recommended Operating Conditions (TAS3108/TAS3108IA)
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Supply voltage range, DVDD
–0.5 V to 3.8 V
Supply voltage, AVDD
–0.5 V to 3.8 V
3.3-V TTL
–0.5 V to DVDD + 0.5 V
Input voltage
VI
range
1.8 V LVCMOS (XTLI)
–0.5 V to 2.3 V
3.3 V TTL
–0.5 V to DVDD + 0.5 V
Output voltage
VO
range
1.8 V LVCMOS (XTLO)
–0.5 V to 2.3V(2)
IIK
Input clamp current (VI < 0 or VI > DVDD
±20 µA
IOK
Output clamp current (VO < 0 or VO > DVDD)
±20 µA
TAS3108 operating free-air temperature
0
°C to 70°C
TA
TAS3108IA operating free-air temperature
–40
°C to 105°C
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Pin XTALO is the only TAS3108/TAS3108IA output that is derived from the internal 1.8-V logic supply. The absolute maximum rating
listed is for reference; only a crystal should be connected to XTALO.
PACKAGE
TAS3108IA(1)
TAS3108(2)
TYPE
PIN COUNT
DESIGNATOR
θ
JA (°C/W)
θ
JC (°C/W)
θ
JA (°C/W)
θ
JC (°C/W)
TSSOP
38
DCP
27.41
0.72
52.93
0.72
(1)
Use 2 oz. trace and thermal pad with solder
(2)
Use 2 oz. trace and thermal pad without solder
See Application Information, Section 9, for PCB recommendations for TAS3108IA applications.
MIN
NOM
MAX
UNIT
Digital supply voltage, DVDD
3
3.3
3.6
V
3.3 V TTL
2
VIH
High-level input voltage
V
1.8 V LVCMOS (XTL_IN)
1.2
3.3 V TTL
0.8
VIL
Low-level input voltage
V
1.8 V LVCMOS (XTL_IN)
0.5
TAS3108
0
25
70
TA
Operating ambient air temperature
°C
TAS3108IA
–40
25
105
TAS3108
0
105
TJ
Operating junction temperature
°C
TAS3108IA
–40
125
Electrical Specifications
44
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com