Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108IADCPRG4 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 49Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 50Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 51Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 52Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 53Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 54Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 55Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 56Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
www.ti.com
9
Application Information
9.1 Schematics
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Figure 9-1 shows a typical TAS3108/TAS3108IA application. In this application, the following conditions
apply:
• TAS3108/TAS3108IA is in clock-slave mode. The audio (SDIN1, SDIN2, SDIN3, SDIN4) and clock
source (MCLKI) are external.
• MCLKI = 12.288 MHz
• Because MCLKI is sourced externally, the TAS3108/TAS3108IA crystal interface is not used. MCLKI
and XTLI are logically ORed together, meaning that when the MCLKI pin is used, the XTALI pin must
be grounded.
• I2C register 0x00 contains the default settings which means:
–
Audio data word size is 24-bit input and 24-bit output.
–
Serial data format is 2 channel, I2S for input and output.
–
I2C data transfer is approximately 400 kbps for both master and slave I2C interfaces.
–
PLL0 = PLL1 = PLL2 = 0 means that fDSPCLK is 11 × MCLKI = 135.2 MHz and that
fI2CSCL = 375 kHz.
–
Sample frequency (fS) is 48 kHz, which requires that fLRCLK = 48 kHz and fSCLKIN = 3.072 MHz.
• Application code and data are loaded from an external EEPROM using the master I2C interface.
• Application commands come from the system microprocessor to the TAS3108/TAS3108IA using the
slave I2C interface.
Good design practice requires isolation between the digital and analog power as shown. Power-supply
capacitors of 10
µF and 0.1 µF should be placed near the power-supply pins AVDD (AVSS) and DVDD
(DVSS).
The TAS3108/TAS3108IA reset needs external glitch protection. Also, reset going HIGH should be
delayed until TAS3108/TAS3108IA internal power is good (~200
µs). This is provided by the 1-kΩ resistor,
1-
µF capacitor, and diode placed near the RESET pin.
It is recommended that a 4.7-
µF capacitor (fast ceramic type) be placed near pin 28 (VR_DIG). This pin
must not be used to source external components.
Submit Documentation Feedback
Application Information
53
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com