Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2210 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2210 Datasheet HTML 1Page - NXP Semiconductors LPC2210 Datasheet HTML 2Page - NXP Semiconductors LPC2210 Datasheet HTML 3Page - NXP Semiconductors LPC2210 Datasheet HTML 4Page - NXP Semiconductors LPC2210 Datasheet HTML 5Page - NXP Semiconductors LPC2210 Datasheet HTML 6Page - NXP Semiconductors LPC2210 Datasheet HTML 7Page - NXP Semiconductors LPC2210 Datasheet HTML 8Page - NXP Semiconductors LPC2210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LPC2210
16/32-bit ARM microcontroller;
with 10-bit ADC and external memory interface
Rev. 01 — 09 February 2004
Preliminary data
1.
General description
The LPC2210 is based on a 16/32 bit ARM7TDMI-S™ CPU with real-time emulation
and embedded trace support. For critical code size applications, the alternative 16-bit
Thumb Mode reduces code by more than 30% with minimal performance penalty.
With its 144 pin package, low power consumption, various 32-bit timers, 8-channel
10-bit ADC, PWM channels and up to 9 external interrupt pins this microcontroller is
particularly suitable for industrial control, medical systems, access control and
point-of-sale. LPC2210 provides up to 76 GPIO depending on bus configuration. With
a wide range of serial communications interfaces, it is also very well suited for
communication gateways, protocol converters and embedded soft modems as well
as many other general-purpose applications.
2.
Features
2.1 Key features
s 16/32-bit ARM7TDMI-S microcontroller in a LQFP144 package.
s 16 kB on-chip Static RAM.
s Serial boot-loader using UART0 provides in-system download and programming
capabilities.
s EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with
the on-chip RealMonitor software as well as high speed real-time tracing of
instruction execution.
s Eight channel 10-bit A/D converter with conversion time as low as 2.44
µs.
s Two 32-bit timers (with 4 capture and 4 compare channels), PWM unit (6 outputs),
Real Time Clock and Watchdog.
s Multiple serial interfaces including two UARTs (16C550), Fast I2C (400 kbits/s)
and two SPIs™.
s Vectored Interrupt Controller with configurable priorities and vector addresses.
s Configurable external memory interface with up to four banks, each up to 16 Mb
and 8/16/32 bit data width.
s Up to 76 general purpose I/O pins (5 V tolerant). Up to 9 edge or level sensitive
external interrupt pins available.


Similar Part No. - LPC2210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2210 NXP-LPC2210 Datasheet
253Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
Rev. 04-2 October 2007
LPC2210 NXP-LPC2210 Datasheet
258Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2210FBD144 PHILIPS-LPC2210FBD144 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2210FBD144 NXP-LPC2210FBD144 Datasheet
258Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
More results

Similar Description - LPC2210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2220 PHILIPS-LPC2220 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2210 NXP-LPC2210 Datasheet
253Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
Rev. 04-2 October 2007
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com