Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2210 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2210 Datasheet HTML 1Page - NXP Semiconductors LPC2210 Datasheet HTML 2Page - NXP Semiconductors LPC2210 Datasheet HTML 3Page - NXP Semiconductors LPC2210 Datasheet HTML 4Page - NXP Semiconductors LPC2210 Datasheet HTML 5Page - NXP Semiconductors LPC2210 Datasheet HTML 6Page - NXP Semiconductors LPC2210 Datasheet HTML 7Page - NXP Semiconductors LPC2210 Datasheet HTML 8Page - NXP Semiconductors LPC2210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Philips Semiconductors
LPC2210
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 09 February 2004
3 of 39
9397 750 12872
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Block diagram
(1) When test/debug interface is used, GPIO/other functions sharing these pins are not available.
Fig 1.
Block diagram.
002aaa793
AHB BRIDGE
TEST/DEBUG
INTERFACE
AHB
DECODER
AHB TO VPB
BRIDGE
VPB
DIVIDER
VECTORED INTERRUPT
CONTROLLER
SYSTEM
FUNCTIONS
PLL
system
clock
SCL
P0.30:0
P1.31:16, 1:0
P2.31:0
P3.31:0
PWM6:1
SDA
SCK0,1
MOSI0,1
MISO0,1
EINT3:0
8 x CAP0
8 x MAT
Ain3:0
Ain7:4
SSEL0,1
TxD0,1
RxD0,1
DSR1,CTS1,
DCD1, RI1
SPI SERIAL
INTERFACES 0 & 1
I2C SERIAL
INTERFACE
CS3:0*
A23:0*
BLS3:0*
OE, WE*
D31:0*
EXTERNAL MEMORY
CONTROLLER
UART 0 & 1
WATCHDOG
TIMER
SYSTEM
CONTROL
EXTERNAL
INTERRUPTS
GENERAL
PURPOSE I/O
CAPTURE/
COMPARE
TIMER 0 & 1
A/D
CONVERTER
PWM0
REAL TIME
CLOCK
AMBA AHB
(Advanced High-performance Bus)
ARM7TDMI-S
INTERNAL SRAM
CONTROLLER
16 kB
SRAM
ARM7 LOCAL BUS
VPB (VLSI
peripheral bus)
*Shared with GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com