Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2210 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 9Page - NXP Semiconductors LPC2210 Datasheet HTML 10Page - NXP Semiconductors LPC2210 Datasheet HTML 11Page - NXP Semiconductors LPC2210 Datasheet HTML 12Page - NXP Semiconductors LPC2210 Datasheet HTML 13Page - NXP Semiconductors LPC2210 Datasheet HTML 14Page - NXP Semiconductors LPC2210 Datasheet HTML 15Page - NXP Semiconductors LPC2210 Datasheet HTML 16Page - NXP Semiconductors LPC2210 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Philips Semiconductors
LPC2210
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 09 February 2004
13 of 39
9397 750 12872
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Vectored IRQs have the middle priority. Sixteen of the interrupt requests can be
assigned to this category. Any of the interrupt requests can be assigned to any of the
16 vectored IRQ slots, among which slot 0 has the highest priority and slot 15 has the
lowest.
Non-vectored IRQs have the lowest priority.
The VIC combines the requests from all the vectored and non-vectored IRQs to
produce the IRQ signal to the ARM processor. The IRQ service routine can start by
reading a register from the VIC and jumping there. If any of the vectored IRQs are
requesting, the VIC provides the address of the highest-priority requesting IRQs
service routine, otherwise it provides the address of a default routine that is shared by
all the non-vectored IRQs. The default routine can read another VIC register to see
what IRQs are active.
6.4.1
Interrupt sources
Table 4 lists the interrupt sources for each peripheral function. Each peripheral device
has one interrupt line connected to the Vectored Interrupt Controller, but may have
several internal interrupt flags. Individual interrupt flags may also represent more than
one interrupt source.
Table 4:
Interrupt sources
Block
Flag(s)
VIC channel #
WDT
Watchdog Interrupt (WDINT)
0
-
Reserved for software interrupts only
1
ARM Core
Embedded ICE, DbgCommRx
2
ARM Core
Embedded ICE, DbgCommTx
3
Timer0
Match 0 - 3 (MR0, MR1, MR2, MR3)
4
Timer1
Match 0 - 3 (MR0, MR1, MR2, MR3)
5
UART0
Rx Line Status (RLS)
Transmit Holding Register empty (THRE)
Rx Data Available (RDA)
Character Time-out Indicator (CTI)
6
UART1
Rx Line Status (RLS)
Transmit Holding Register empty (THRE)
Rx Data Available (RDA)
Character Time-out Indicator (CTI)
Modem Status Interrupt (MSI)
7
PWM0
Match 0 - 6 (MR0, MR1, MR2, MR3, MR4, MR5, MR6)
8
I2C
SI (state change)
9
SPI0
SPIF, MODF
10
SPI1
SPIF, MODF
11
PLL
PLL Lock (PLOCK)
12
RTC
RTCCIF (Counter Increment), RTCALF (Alarm)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com