Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC256E/SN Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC256E/SN
Description  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256E/SN Datasheet(HTML) 1 Page - Microchip Technology

  25LC256E/SN Datasheet HTML 1Page - Microchip Technology 25LC256E/SN Datasheet HTML 2Page - Microchip Technology 25LC256E/SN Datasheet HTML 3Page - Microchip Technology 25LC256E/SN Datasheet HTML 4Page - Microchip Technology 25LC256E/SN Datasheet HTML 5Page - Microchip Technology 25LC256E/SN Datasheet HTML 6Page - Microchip Technology 25LC256E/SN Datasheet HTML 7Page - Microchip Technology 25LC256E/SN Datasheet HTML 8Page - Microchip Technology 25LC256E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2003-2013 Microchip Technology Inc.
DS21822G-page 1
25AA256/25LC256
Device Selection Table
Features:
• Max. Clock 10 MHz
• Low-Power CMOS Technology:
- Max. Write Current: 5 mA at 5.5V, 10 MHz
- Read Current: 6 mA at 5.5V, 10 MHz
- Standby Current: 1
A at 5.5V
• 32,768 x 8-bit Organization
• 64-Byte Page
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability:
- Endurance: 1,000,000 erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Ranges Supported:
• Pb-Free and RoHS Compliant
Pin Function Table
Description:
The Microchip Technology Inc. 25AA256/25LC256
(25XX256*) are 256 Kbit Serial Electrically Erasable
PROMs. The memory is accessed via a simple Serial
Peripheral Interface (SPI) compatible serial bus. The
bus signals required are a clock input (SCK) plus
separate data in (SI) and data out (SO) lines. Access to
the device is controlled through a Chip Select (CS)
input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
The 25XX256 is available in standard packages includ-
ing 8-lead PDIP and SOIC, and advanced packaging
including 8-lead DFN and 8-lead TSSOP.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25LC256
2.5-5.5V
64 Byte
I, E
P, SN, SM, ST, MF
25AA256
1.8-5.5V
64 Byte
I, E
P, SN, SM, ST, MF
- Industrial (I):
-40
Cto +85C
- Automotive (E):
-40°C to +125°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC
(P, SN, SM)
TSSOP
(ST)
DFN
CS
SO
WP
VSS
HOLD
SCK
SI
5
6
7
8
4
3
2
1
VCC
(MF)
8
7
6
5
1
2
3
4
HOLD
VCC
CS
SO
SCK
SI
VSS
WP
Rotated TSSOP
(ST)
8
7
6
5
1
2
3
4
HOLD
VCC
CS
SO
SCK
SI
VSS
WP
256K SPI Bus Serial EEPROM
* 25XX256 is used in this document as a generic part number
for the 25AA256/25LC256 devices.


Similar Part No. - 25LC256E/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC256EMF MICROCHIP-25LC256EMF Datasheet
837Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256EP MICROCHIP-25LC256EP Datasheet
837Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256ESM MICROCHIP-25LC256ESM Datasheet
837Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256ESN MICROCHIP-25LC256ESN Datasheet
837Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256EST MICROCHIP-25LC256EST Datasheet
837Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
More results

Similar Description - 25LC256E/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256 MICROCHIP-25AA256 Datasheet
367Kb / 26P
256K SPI Bus Serial EEPROM
2003
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
256K SPI Bus Serial EEPROM
2007
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25AA256-ISM MICROCHIP-25AA256-ISM Datasheet
837Kb / 32P
256K SPI Bus Serial EEPROM
2003-2013
25LC256-I MICROCHIP-25LC256-I Datasheet
837Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256T-I MICROCHIP-25LC256T-I Datasheet
837Kb / 32P
256K SPI Bus Serial EEPROM
11/29/12
25AA256-I MICROCHIP-25AA256-I Datasheet
509Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256-I MICROCHIP-25LC256-I Datasheet
509Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256-E MICROCHIP-25LC256-E Datasheet
600Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com