Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC256E/SN Datasheet(PDF) 14 Page - Microchip Technology

Part # 25LC256E/SN
Description  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256E/SN Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25LC256E/SN Datasheet HTML 10Page - Microchip Technology 25LC256E/SN Datasheet HTML 11Page - Microchip Technology 25LC256E/SN Datasheet HTML 12Page - Microchip Technology 25LC256E/SN Datasheet HTML 13Page - Microchip Technology 25LC256E/SN Datasheet HTML 14Page - Microchip Technology 25LC256E/SN Datasheet HTML 15Page - Microchip Technology 25LC256E/SN Datasheet HTML 16Page - Microchip Technology 25LC256E/SN Datasheet HTML 17Page - Microchip Technology 25LC256E/SN Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
25AA256/25LC256
DS21822G-page 14
 2003-2013 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC (3.90 mm)
XXXXYYWW
XXXXXXXT
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P
1L7
25LC256
0528
Example:
Example:
SN
0528
25LC256I
1L7
1L7
5LE
I528
Example:
8-Lead DFN
Example
:
XXXXXXX
T/XXXXX
YYWW
25LC256
I/MF
0528
1L7
NNN
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e
TSSOP 1st Line Marking Codes
Device
Standard
Rotated
25AA256
5AE
5AEX
25LC256
5LE
5LEX
8-Lead SOIC (208 mil)
XXXXXXXX
XXXXXXXX
YYWWNNN
Example:
25LC256
05281L7
3
e
I/SM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com