Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC256E/SN Datasheet(PDF) 11 Page - Microchip Technology

Part # 25LC256E/SN
Description  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256E/SN Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25LC256E/SN Datasheet HTML 7Page - Microchip Technology 25LC256E/SN Datasheet HTML 8Page - Microchip Technology 25LC256E/SN Datasheet HTML 9Page - Microchip Technology 25LC256E/SN Datasheet HTML 10Page - Microchip Technology 25LC256E/SN Datasheet HTML 11Page - Microchip Technology 25LC256E/SN Datasheet HTML 12Page - Microchip Technology 25LC256E/SN Datasheet HTML 13Page - Microchip Technology 25LC256E/SN Datasheet HTML 14Page - Microchip Technology 25LC256E/SN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2003-2013 Microchip Technology Inc.
DS21822G-page 11
25AA256/25LC256
2.6
Write Status Register Instruction
(WRSR)
The Write Status Register instruction (WRSR) allows the
user to write to the nonvolatile bits in the STATUS
register as shown in Table 2-2. The user is able to
select one of four levels of protection for the array by
writing to the appropriate bits in the STATUS register.
The array is divided up into four segments. The user
has the ability to write-protect none, one, two, or all four
of the segments of the array. The partitioning is
controlled as shown in Table 2-3.
The Write-Protect Enable (WPEN) bit is a nonvolatile
bit that is available as an enable bit for the WP pin. The
Write-Protect (WP) pin and the Write-Protect Enable
(WPEN) bit in the STATUS register control the
programmable hardware write-protect feature. Hard-
ware write protection is enabled when WP pin is low
and the WPEN bit is high. Hardware write protection is
disabled when either the WP pin is high or the WPEN
bit is low. When the chip is hardware write-protected,
only writes to nonvolatile bits in the STATUS register
are disabled. See Table 2-1 for a matrix of functionality
on the WPEN bit.
See Figure 2-7 for the WRSR timing sequence.
TABLE 2-3:
ARRAY PROTECTION
FIGURE 2-7:
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
BP1
BP0
Array Addresses
Write-Protected
00
none
01
upper 1/4
(6000h-7FFFh)
10
upper 1/2
(4000h-7FFFh)
11
all
(0000h-7FFFh)
SO
SI
CS
9
1011
12131415
0
1
0
0
0
0
00
76
5
4
21
0
Instruction
Data to STATUS Register
High-Impedance
SCK
0
2
34
56
7
1
8
3
Note:
An internal write cycle (TWC) is initiated on the rising edge of CS after a valid write STATUS register
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com