Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC45 Datasheet(PDF) 6 Page - Texas Instruments

Part # THMC45
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC45 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THMC45 Datasheet HTML 2Page - Texas Instruments THMC45 Datasheet HTML 3Page - Texas Instruments THMC45 Datasheet HTML 4Page - Texas Instruments THMC45 Datasheet HTML 5Page - Texas Instruments THMC45 Datasheet HTML 6Page - Texas Instruments THMC45 Datasheet HTML 7Page - Texas Instruments THMC45 Datasheet HTML 8Page - Texas Instruments THMC45 Datasheet HTML 9Page - Texas Instruments THMC45 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Hall sensor amplifier inputs (H+, H−)
The THMC45 has an internal Hall sensor amplifier with signal conditioning to allow the use of low-cost Hall
sensors requiring no external components for noise filtering. The Hall signal conditioning block receives a
low-level differential voltage from the Hall position sensor and implements a zero differential voltage crossing
detection with a de-glitch time of 25
µs (typical), t(de-glitch), to reject noise on the Hall signal inputs. Refer to
Figure 1, the OUTA output changes from sourcing current to sinking current after the 25-
µs de-glitch time.
Likewise, the OUTB output changes from sinking current to sourcing current after the 25-
µs de-glitch time. The
Hall amplifier circuit has an input offset voltage, VIO, not greater than ±13 mV when VPWR is between 4.5 V and
5.5 V. The common mode input voltage range is 1 V to 3.5 V when VPWR is between 4.5 V and 5.5 V.
OUTA
OUTB
PWM Input
t(de-glitch)
t(de-glitch)
Differential Hall
Signal (H+ − H−)
Conditioned Hall
Amplifier Output
(Internal)
t(de-glitch)
Figure 1. Hall Sensor Signal Conditioning Waveform and OUTA/OUTB Commutation
Illustrated in truth table format, Table 1 shows OUTA and OUTB commutation and PWM.
Table 1. OUTA and OUTB Low-Side Drive Commutation
H+
H−
OUTA
OUTB
H
L
H
PWM
L
H
PWM
H
H-bridge motor drive outputs (OUTA, OUTB)
Using an H-bridge to drive a bipolar wound, two-phase BLM provides several advantages for dc fans over the
unipolar-wound motor commonly driven by two commutated low-side switches. A bipolar-wound motor has only
two connections; hence, the H-bridge drive topology requires only two output terminals and two traces are
needed on the fan PCB. A bipolar-wound stator has a single-wire winding which is simpler to manufacture, and
thus increases reliability and reduces manufacturing time. All factors combine to allow a smaller diameter fan
center hub, and thus higher blade area for increased airflow on a given fan frame size. Generally, an H-bridge
drive method with bipolar-wound stator increases fan motor torque density over a typical unipolar drive method.
The H-bridge drive method also eliminates the need for snubbing inductive energy at commutation transitions
and allows for recirculation of winding current to maintain energy in the motor while PWM switching occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com