Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC45 Datasheet(PDF) 11 Page - Texas Instruments

Part # THMC45
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC45 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THMC45 Datasheet HTML 7Page - Texas Instruments THMC45 Datasheet HTML 8Page - Texas Instruments THMC45 Datasheet HTML 9Page - Texas Instruments THMC45 Datasheet HTML 10Page - Texas Instruments THMC45 Datasheet HTML 11Page - Texas Instruments THMC45 Datasheet HTML 12Page - Texas Instruments THMC45 Datasheet HTML 13Page - Texas Instruments THMC45 Datasheet HTML 14Page - Texas Instruments THMC45 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
t − Ambient Temperature −
°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
20
30
40
50
60
70
80
90
100
110
120
130
140
150
POWER DISSIPATION
vs
AMBIENT TEMPERATURE
RθJ(SYS) = 100°C/W
Note: RθJ(SYS) refers to composite thermal impedance provided by the IC package, PCB, and fan housing.
RθJ(SYS) = 125°C/W
RθJ(SYS) = 170°C/W
RθJ(SYS) = 225°C/W
RθJ(SYS) = 285°C/W
Figure 7
t − Ambient Temperature −
°C
0.0
0.1
0.2
0.3
0.4
0.5
20
30
40
50
60
70
80
90
100
110
120
130
140
150
CONTINUOUS CURRENT
vs
AMBIENT TEMPERATURE
Note: RθJ(SYS) refers to composite thermal impedance provided by the IC package, PCB, and fan housing.
Analysis assumes combined high and low-side RDSon = 5.5
Ω.
RθJ(SYS) = 100°C/W
RθJ(SYS) = 285°C/W
RθJ(SYS) = 125°C/W
RθJ(SYS) = 170°C/W
RθJ(SYS) = 225°C/W
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com