Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC45 Datasheet(PDF) 8 Page - Texas Instruments

Part # THMC45
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC45 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THMC45 Datasheet HTML 4Page - Texas Instruments THMC45 Datasheet HTML 5Page - Texas Instruments THMC45 Datasheet HTML 6Page - Texas Instruments THMC45 Datasheet HTML 7Page - Texas Instruments THMC45 Datasheet HTML 8Page - Texas Instruments THMC45 Datasheet HTML 9Page - Texas Instruments THMC45 Datasheet HTML 10Page - Texas Instruments THMC45 Datasheet HTML 11Page - Texas Instruments THMC45 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
PWM input (PWM)
The PWM input provides several functions:
D Input for controlling H-bridge PWM drive frequency and duty cycle
D Output for a tachometer current sink pulse on the first rising edge of the PWM input signal after a
commutation
D Initiating a low-current sleep state when the voltage maintained a logic low level for 2 ms (typical) or longer,
and allowing the THMC45 to return to a normal run state on the next rising edge of the PWM input signal
The THMC45 requires a TTL level PWM input signal from another device, such as a Super I/O device. This
signal, along with the Hall sensor input, is used to PWM the OUTA and OUTB outputs according to truth table,
Table 1.
It is recommended that the frequency of the PWM input signal be between 18 kHz and 60 kHz. A PWM frequency
of 18 kHz or higher, being above the audible range, ensures quiet fan operation. Frequencies above 18 kHz
also promote efficient fan speed control by keeping the PWM period below the electrical L/R time constant of
the motor. This allows continuous current in the fan windings (see Figure 3). Keeping the PWM frequency below
60 kHz minimizes switching losses. Switching losses, typically observed at higher frequencies, decreases
overall efficiency.
The speed of the cooling fan can be varied by adjusting the duty cycle of the PWM input signal. The higher the
duty cycle of the PWM input signal, the higher the current in the fan windings, and thus results in faster fan speed.
I(MOTOR)
PWM
I(DRIVE)
PWM Period
I(RECIRCULATE)
tOFF
tON
Figure 3. Motor Current Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com