Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040CPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # THS1040CPWR
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 18Page - Texas Instruments THS1040CPWR Datasheet HTML 19Page - Texas Instruments THS1040CPWR Datasheet HTML 20Page - Texas Instruments THS1040CPWR Datasheet HTML 21Page - Texas Instruments THS1040CPWR Datasheet HTML 22Page - Texas Instruments THS1040CPWR Datasheet HTML 23Page - Texas Instruments THS1040CPWR Datasheet HTML 24Page - Texas Instruments THS1040CPWR Datasheet HTML 25Page - Texas Instruments THS1040CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
22
www.ti.com
PRINCIPLES OF OPERATION
operating configuration examples (continued)
Figure 30 shows a configuration using the internal ADC references for digitizing a dc-coupled differential input
with 1.5-Vp-p span and 1.5-V common-mode voltage. External resistors are used to set the internal bandgap
reference output at VREF to 0.75 V. Tying MODE to AVDD then sets the REFT and REFB voltages via the internal
reference generator for a 1.5-Vp-p ADC input range.
If a transformer is used to generate the differential ADC input from a single-ended signal, then the BIASREF
pin provides a suitable bias voltage for the secondary windings center tap when MODE = AVDD.
AIN+
AIN−
VREF = 0.75 V
REFB
MODE
REFSENSE
AVDD
1.875 V
1.125 V
1.875 V
1.125 V
1.5 V
1.5 V
REFT
5 k
Ω
10 k
Ω
0.1
µF
10
µF
20 pF
20 pF
20
Ω
20
Ω
0.1
µF
0.1
µF
10
µF
Figure 30. Operating Configuration: 1.5-V Differential Input, Internal ADC References
Figure 31 shows a configuration using the internal ADC references and an external VREF source for digitizing
a dc-coupled single-ended input with span 0.5 V to 2 V. A 1.25-V external source provides the bias voltage for
the AIN− pin and also, via a buffered potential divider, the 0.75 VREF voltage required to set the input range
to 1.5 Vp-p MODE is tied to AVDD to set internal ADC references configuration.
AIN+
AIN−
REFT
MODE
REFB
2 V
0.5 V
1.25 V
VREF
AVDD
10 k
Ω
_
+
REFSENSE
AVDD
15 k
Ω
(0.75 V)
1.25
Source
0.1
µF
10
µF
0.1
µF
0.1
µF
20 pF
20 pF
20
Ω
20
Ω
10
µF
Figure 31. Operating Configuration: 1.5-V Single-Ended Input, External VREF Source
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com