Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040CPWR Datasheet(PDF) 23 Page - Texas Instruments

Part # THS1040CPWR
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040CPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 19Page - Texas Instruments THS1040CPWR Datasheet HTML 20Page - Texas Instruments THS1040CPWR Datasheet HTML 21Page - Texas Instruments THS1040CPWR Datasheet HTML 22Page - Texas Instruments THS1040CPWR Datasheet HTML 23Page - Texas Instruments THS1040CPWR Datasheet HTML 24Page - Texas Instruments THS1040CPWR Datasheet HTML 25Page - Texas Instruments THS1040CPWR Datasheet HTML 26Page - Texas Instruments THS1040CPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
23
www.ti.com
PRINCIPLES OF OPERATION
power management
In power-sensitive applications (such as battery-powered systems) where the THS1040 is not required to
convert continuously, power can be saved between conversion intervals by placing the THS1040 into
power-down mode. This is achieved by pulling the STBY pin high. In power-down mode, the device typically
consumes less than 0.1 mW of power.
If the internal VREF generator (A1) is not required, it can be powered down by tying pin REFSENSE to AVDD,
saving approximately 1.2 mA of supply current.
If the BIASREF function is not required when using internal references then tying MODE to AVDD/2 powers the
BIASREF buffer down, saving approximately 1.2 mA.
digital I/O
While the OE pin is held low, ADC conversion results are output at pins D0 (LSB) to D9 (MSB). The ADC input
over-range indicator is output at pin OVR. OVR is also disabled when OE is held high.
The only ADC output data format supported is unsigned binary (output codes 0 to 1023). Twos complement
output (output codes −512 to 511) can be obtained by using an external inverter to invert the D9 output.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com