Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040CPWR Datasheet(PDF) 28 Page - Texas Instruments

Part # THS1040CPWR
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040CPWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 24Page - Texas Instruments THS1040CPWR Datasheet HTML 25Page - Texas Instruments THS1040CPWR Datasheet HTML 26Page - Texas Instruments THS1040CPWR Datasheet HTML 27Page - Texas Instruments THS1040CPWR Datasheet HTML 28Page - Texas Instruments THS1040CPWR Datasheet HTML 29Page - Texas Instruments THS1040CPWR Datasheet HTML 30Page - Texas Instruments THS1040CPWR Datasheet HTML 31Page - Texas Instruments THS1040CPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
28
www.ti.com
APPLICATION INFORMATION
definitions
D Integral nonlinearity (INL)—Integral nonlinearity refers to the deviation of each individual code from a line
drawn from zero to full scale. The point used as zero occurs 1/2 LSB before the first code transition. The
full-scale point is defined as a level 1/2 LSB beyond the last code transition. The deviation is measured from
the center of each particular code to the true straight line between these two endpoints.
D Differential nonlinearity (DNL)—An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL
is the deviation from this ideal value. Therefore this measure indicates how uniform the transfer function
step sizes are. The ideal step size is defined here as the step size for the device under test (i.e., (last
transition level – first transition level)
÷ (2n – 2)). Using this definition for DNL separates the effects of gain
and offset error. A minimum DNL better than –1 LSB ensures no missing codes.
D Zero-error—Zero-error is defined as the difference in analog input voltage—between the ideal voltage and
the actual voltage—that switches the ADC output from code 0 to code 1. The ideal voltage level is
determined by adding the voltage corresponding to 1/2 LSB to the bottom reference level. The voltage
corresponding to 1 LSB is found from the difference of top and bottom references divided by the number
of ADC output levels (1024).
D Full-scale error—Full-scale error is defined as the difference in analog input voltage—between the ideal
voltage and the actual voltage—that switches the ADC output from code 1022 to code 1023. The ideal
voltage level is determined by subtracting the voltage corresponding to 1.5 LSB from the top reference level.
The voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by
the number of ADC output levels (1024).
D Wake-up time—Wake-up time is from the power-down state to accurate ADC samples being taken and is
specified for MODE = AGND with external reference sources applied to the device at the time of release
of power-down, and an applied 40-MHz clock. Circuits that need to power up are the bandgap, bias
generator, ADC, and SHA.
D Power-up time—Power-up time is from the power-down state to accurate ADC samples being taken and
is specified for MODE = AVDD/2 or AVDD and an applied 40-MHz clock. Circuits that need to power up
include VREF reference generation (A1), bias generator, ADC, the SHA, and the on-chip ADC reference
generator (A2).
D Aperture delay—The delay between the 50% point of the rising edge of the clock and the instant at which
the analog input is sampled.
D Aperture uncertainty (Jitter)—The sample-to-sample variation in aperture delay.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com